Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64P164 Datasheet (PDF) - OKI electronic componets

MSM64P164 Datasheet PDF - OKI electronic componets
Part # MSM64P164
Download  MSM64P164 Download
File Size   267.48 Kbytes
Page   37 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

MSM64P164 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM64P164 Datasheet PDF - OKI electronic componets

Part # MSM64P164
Download  MSM64P164 Click to download

File Size   267.48 Kbytes
Page   37 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

MSM64P164 Datasheet (HTML) - OKI electronic componets


MSM64P164 Product details

GENERAL DESCRIPTION
The MSM64P164 is a one-time-programmable ROM-version product, which has one-time PROM (OTP) as internal program memory. On the other hand, the MSM64164C is a mask ROM-version product, which has mask ROM as internal program memory.
Unlike the mask ROM-version MSM64164C, which has a P-well CMOS structure, the MSM64P164 has been fabricated with the N-well CMOS-structured EEPROM process technology. Therefore, the MSM64P164 differs from the MSM64164C in the polarity of the power supply for LCD bias generation and 5 V interface, and in the external circuit structure.
Unlike the mask ROM-version product, the MSM64P164 cannot be supplied in the form of a chip. The MSM64P164 is an OTP-version product used to evaluate an application program.
The MSM64P164 has two operation modes, microcontroller operation mode and PROM mode.
The microcontroller operation mode is used to operate the MSM64P164 like a mask ROM-version product and the PROM mode is used to program or read the PROM.




Similar Part No. - MSM64P164

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155L OKI-MSM64P155L Datasheet
181Kb / 29P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
More results


Similar Description - MSM64P164

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
ML64P168 OKI-ML64P168 Datasheet
304Kb / 51P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162A OKI-MSM64162A Datasheet
208Kb / 40P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64164C OKI-MSM64164C Datasheet
299Kb / 41P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64167E OKI-MSM64167E Datasheet
268Kb / 31P
4-Bit Microcontroller with Built-in Dual-Slope Type A/D Converter and LCD Driver
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
ML63611A OKI-ML63611A Datasheet
306Kb / 49P
4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64169 OKI-MSM64169 Datasheet
163Kb / 25P
Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com