Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64162 Datasheet (PDF) - OKI electronic componets

MSM64162 Datasheet PDF - OKI electronic componets
Part # MSM64162
Download  MSM64162 Download
File Size   312.45 Kbytes
Page   39 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

MSM64162 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM64162 Datasheet PDF - OKI electronic componets

Part # MSM64162
Download  MSM64162 Click to download

File Size   312.45 Kbytes
Page   39 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

MSM64162 Datasheet (HTML) - OKI electronic componets


MSM64162 Product details

GENERAL DESCRIPTION
The MSM64162 is a low power 4-bit microcontroller that employs Okis original CPU core nX-4/20.
The MSM64162 has 2-channel RC oscillation type A/D converter, LCD driver for up to 80 segments, and buzzer output port. It is best suited for applications such as low power, high precision thermometers and hygrometers.

FEATURES
• Operating range
   Operating frequencies : 32.768 kHz, 400 kHz
   Operating voltage : 1.25 to 1.7 V (1.5 V spec.)
                                2.0 to 3.5 V (3 V spec.)
                                2.2 to 3.5 V (3 V spec., 1/2 duty)
   Operating temperature : –40 to +85°C
• Memory space
   Internal program memory : 2016 bytes
   Internal data memory : 128 nibbles
• Minimum instruction execution time : 7.5 ms @ 400 kHz
                                                        91.6 ms @ 32.768 kHz
• RC oscillation type A/D converter : 2 channels
• LCD driver : 24 outputs; duty ratio switchable by software
   (1) At 1/4 duty and 1/3 bias : 80 segments (max)
   (2) At 1/3 duty and 1/3 bias : 63 segments (max)
   (3) At 1/2 duty and 1/2 bias : 44 segments (max)
• Buzzer driver : 1 output (4 output modes selectable)
• Capture circuit : 2 channels
• Watchdog timer
• Clock : 32.768 kHz crystal oscillator and 400 kHz RC
              oscillator (with an external resistor)
   CPU clock : 32.768 kHz/400 kHz (switchable by software)
   Time base clock : 32.768 kHz
• Power supply voltage : 1.5 V/3 V (selectable by mask option)
• I/O port
   Input-output port : 2 ports x 4 bits
   Input port : 1 port x 4 bits
   Output port : 1 port x 4 bits
                       (8 out of the 24 LCD driver outputs can be used
                        as output-only ports by mask option.)
• Interrupt sources
   External interrupt : 2 sources
   Internal interrupt : 7 sources
• Battery check circuit : 1 (incorporated into the input-only port)
• Package options:
   64-pin plastic QFP (QFP64-P-1420-1.00-BK) : (Product name : MSM64162-XXXGS-BK)
   80-pin plastic QFP (QFP80-P-1420-0.80-BK) : (Product name : MSM64162-XXXGS-BK-F)
   Chip : (Product name : MSM64162-XXX)
             XXX indicates a code number.




Similar Part No. - MSM64162

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64162A OKI-MSM64162A Datasheet
208Kb / 40P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XX OKI-MSM64162D-XX Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XXGS-BK OKI-MSM64162D-XXGS-BK Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XXGS-BK-F OKI-MSM64162D-XXGS-BK-F Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results


Similar Description - MSM64162

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
ML64P168 OKI-ML64P168 Datasheet
304Kb / 51P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162A OKI-MSM64162A Datasheet
208Kb / 40P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64164C OKI-MSM64164C Datasheet
299Kb / 41P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64167E OKI-MSM64167E Datasheet
268Kb / 31P
4-Bit Microcontroller with Built-in Dual-Slope Type A/D Converter and LCD Driver
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
ML63611A OKI-ML63611A Datasheet
306Kb / 49P
4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64169 OKI-MSM64169 Datasheet
163Kb / 25P
Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com