Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64162A Datasheet (PDF) - OKI electronic componets

MSM64162A Datasheet PDF - OKI electronic componets
Part # MSM64162A
Download  MSM64162A Download
File Size   208.41 Kbytes
Page   40 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

MSM64162A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM64162A Datasheet PDF - OKI electronic componets

Part # MSM64162A
Download  MSM64162A Click to download

File Size   208.41 Kbytes
Page   40 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

MSM64162A Datasheet (HTML) - OKI electronic componets


MSM64162A Product details

GENERAL DESCRIPTION
The MSM64162A is a low power 4-bit microcontroller that employs Okis original CPU core nX- 4/20.
The MSM64162A has 2-channel RC oscillation type A/D converter, LCD driver for up to 80 segments, and buzzer output port. It is best suited for applications such as low power, high precision thermometers and hygrometers.

FEATURES
• Operating range
   Operating frequencies : 32.768 kHz, 400 kHz
   Operating voltage : 1.25 to 1.7 V (1.5 V spec.)
                               2.0 to 3.5 V (3 V spec.)
                               2.2 to 3.5 V (3 V spec., 1/2 duty)
   Operating temperature : –40 to +85°C
• Memory space
   Internal program memory : 2016 bytes
   Internal data memory : 128 nibbles
• Minimum instruction execution time : 7.5 ms @ 400 kHz
                                                        91.6 ms @ 32.768 kHz
• RC oscillation type A/D converter : 2 channels
                                                      Time division 2-channel method
• LCD driver : 24 outputs
   (1) At 1/4 duty and 1/3 bias : 80 segments (max)
   (2) At 1/3 duty and 1/3 bias : 63 segments (max)
   (3) At 1/2 duty and 1/2 bias : 44 segments (max)
   Voltage Regulator for LCD Driver (selectable by mask option)
      The LCD panel display is stable regardless of temporary supply voltage drop, because
      the voltage generated by the voltage regulator for LCD driver is supplied to the bias
      voltage generator as a reference voltage.
   LCD Operating Voltage
      When the voltage regulator for LCD driver is used
                                       : 3.6 V (Duty cycle = 1/4 or 1/3)
                                       2.4 V (Duty cycle = 1/2)
      When the voltage regulator for LCD driver is not used
                                       : 4.5 V (Duty cycle = 1/4 or 1/3)
                                       3.0 V (Duty cycle = 1/2)
• Buzzer driver : 1 output (4 output modes selectable)
• Capture circuit : 2 channels
• Watchdog timer
• Clock : 32.768 kHz crystal oscillator and 400 kHz RC
             oscillator (with an external resistor)
   CPU clock : 32.768 kHz/400 kHz (switchable by software)
   Time base clock : 32.768 kHz
• Power supply voltage : 1.5 V/3 V (selectable by mask option)
• I/O port
   Input-output port : 2 ports x 4 bits
   Input port : 1 port x 4 bits
   Output port : 1 port x 4 bits
                  (8 out of the 24 LCD driver outputs can be used
                  as output-only ports by mask option.)
• Interrupt sources
   External interrupt : 2 sources
   Internal interrupt : 7 sources
• Battery check circuit : 1 (incorporated into the input-only port)
• Package:
   80-pin plastic QFP (QFP80-P-1420-0.80-BK) : (Product name : MSM64162A-XXXGS-BK)
   Chip                                        : (Product name : MSM64162A-XXX)
                                                   XXX indicates a code number.




Similar Part No. - MSM64162A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XX OKI-MSM64162D-XX Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XXGS-BK OKI-MSM64162D-XXGS-BK Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XXGS-BK-F OKI-MSM64162D-XXGS-BK-F Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results


Similar Description - MSM64162A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
ML64P168 OKI-ML64P168 Datasheet
304Kb / 51P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64164C OKI-MSM64164C Datasheet
299Kb / 41P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64167E OKI-MSM64167E Datasheet
268Kb / 31P
4-Bit Microcontroller with Built-in Dual-Slope Type A/D Converter and LCD Driver
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
ML63611A OKI-ML63611A Datasheet
306Kb / 49P
4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64169 OKI-MSM64169 Datasheet
163Kb / 25P
Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com