Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML64P168 Datasheet (PDF) - OKI electronic componets

ML64P168 Datasheet PDF - OKI electronic componets
Part # ML64P168
Download  ML64P168 Download
File Size   304.15 Kbytes
Page   51 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

ML64P168 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML64P168 Datasheet PDF - OKI electronic componets

Part # ML64P168
Download  ML64P168 Click to download

File Size   304.15 Kbytes
Page   51 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

ML64P168 Datasheet (HTML) - OKI electronic componets


ML64P168 Product details

GENERAL DESCRIPTION
The ML64P168 is a one-time-programmable ROM-version product, which has one-time PROM (OTP) as internal program memory. On the other hand, the ML64168 is a mask ROM-version product, which has mask ROM as internal program memory.
Unlike the mask ROM-version product (ML64168), the ML64P168 cannot be supplied in the form of a chip.
The ML64P168 has two operation modes, microcontroller operation mode and PROM mode. The microcontroller operation mode is used to operate the ML64P168 like a ML64168 and the PROM mode is used to program or read the PROM.

The ML64P168 is a low power 4-bit microcontroller incorporating the Oki’s original CPU core nX-4/30.
The ML64P168 provides a minimum instruction execution time of 4.3µs (@700kHz).
The ML64P168 contains 8160-byte program memory, 512-nibble data memory, three 4-bit input-output ports, 4-bit input port, 4-bit output port, 2-channel RC oscillation type A/D converter, LCD driver for up to 120 segments, and buzzer output port.

APPLICATION
   The ML64P168 is best suited for low power, high precision thermometers and hygrometers.




Similar Part No. - ML64P168

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
ML6401CS-1 MICRO-LINEAR-ML6401CS-1 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
ML6401CS-3 MICRO-LINEAR-ML6401CS-3 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
More results


Similar Description - ML64P168

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162A OKI-MSM64162A Datasheet
208Kb / 40P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64164C OKI-MSM64164C Datasheet
299Kb / 41P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64167E OKI-MSM64167E Datasheet
268Kb / 31P
4-Bit Microcontroller with Built-in Dual-Slope Type A/D Converter and LCD Driver
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
ML63611A OKI-ML63611A Datasheet
306Kb / 49P
4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64169 OKI-MSM64169 Datasheet
163Kb / 25P
Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com