Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6411 Datasheet (PDF) - Micro Linear Corporation

ML6411 Datasheet PDF - Micro Linear Corporation
Part # ML6411
Download  ML6411 Download
File Size   244.27 Kbytes
Page   24 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Programmable Video Digitizer with Selectable Gain and Clamps

ML6411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6411 Datasheet PDF - Micro Linear Corporation

Part # ML6411
Download  ML6411 Click to download

File Size   244.27 Kbytes
Page   24 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Programmable Video Digitizer with Selectable Gain and Clamps

ML6411 Datasheet (HTML) - Micro Linear Corporation


ML6411 Product details

GENERAL DESCRIPTION
The ML6411 is a Dual Video A/D converter, incorporating two input sample and holds, two high speed 8-Bit A/D converters, programmable gain control, selectable clamps, multi-phase clocking, and reference voltage generation. The ML6411 can be used to convert the following analog signals to digital signals: two composite channels or S-video channel.

FEATURES
■ Complete video digitizer for Y/C and CV video
■ Contains A/D’s with scalable gain, selectable clamps, and clock generation (programmable via serial bus)
■ Two 8-Bit +/- ½ LSB Differential Non-Linearity with 30MHz guaranteed conversion
■ Two Gain Control Mechanisms for programmable or sync-suppressed video gain control
■ Selectable Video Clamping: 16, 24, 64, 128
■ Selectable Video Gain: 3dB to –6dB
■ Operating total power dissipation less than 425mW
■ Power down mode and Tri-state output control
■ Applications: Video Capture, Video Editing, Video Cameras, Y/C and CV analog to digital conversion
■ 44-pin TQFP




Similar Part No. - ML6411

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
ML64116R MITSUBISHI-ML64116R Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6411A MITSUBISHI-ML6411A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML6411C MITSUBISHI-ML6411C Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results


Similar Description - ML6411

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
Genlocking Video Digitizer
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
logo
New Japan Radio
NJM2560 NJRC-NJM2560 Datasheet
84Kb / 4P
SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
Triple Video Digitizer with Digital PLL
August 20, 2007
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
Genlocking Video Digitizer
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
Triple Video Digitizer with Digital PLL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com