Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6401 Datasheet (PDF) - Micro Linear Corporation

ML6401 Datasheet PDF - Micro Linear Corporation
Part # ML6401
Download  ML6401 Download
File Size   554.9 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 8-Bit 20 MSPS A/D Converter

ML6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6401 Datasheet PDF - Micro Linear Corporation

Part # ML6401
Download  ML6401 Click to download

File Size   554.9 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 8-Bit 20 MSPS A/D Converter

ML6401 Datasheet (HTML) - Micro Linear Corporation


ML6401 Product details

GENERAL DESCRIPTION
The ML6401 is a single-chip 8-bit 20 MSPS BiCMOS Video A/D Converter IC, incorporating a differential input track and hold, clock generation circuitry, and reference voltage.

FEATURES
■ 5.0V ±10% single supply operation
■ Internal reference voltage
■ Power dissipation less than 200mW typical
■ Replaces TMC1175MC20 and AD775JR, functionally compatible to Sony CXD1175AM/AP
■ 16-pin reduced pin count packages available: ML6401CS-3
■ Low input capacitance track and hold: 4pF
■ Onboard non-overlapping clock generation to minimize external components
■ Three-state outputs and no missing codes
■ 150MHz input track and hold




Similar Part No. - ML6401

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
ML64116R MITSUBISHI-ML64116R Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6411A MITSUBISHI-ML6411A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML6411C MITSUBISHI-ML6411C Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results


Similar Description - ML6401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
8-Bit 20 MSPS Flash A/D Converter
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
8-Bit 20 MSPS Flash A/D Converter
logo
fujitsu semiconductor
MB40C938V FUJITSU-MB40C938V Datasheet
127Kb / 13P
20 MSPS 3ch 8-bit D/A Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
List of Unclassifed Man...
SPT175 ETC1-SPT175 Datasheet
76Kb / 8P
8-BIT, 20 MSPS CMOS A/D CONVERTER
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com