Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6401 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6401
Description  8-Bit 20 MSPS A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6401 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6401 Datasheet HTML 1Page - Micro Linear Corporation ML6401 Datasheet HTML 2Page - Micro Linear Corporation ML6401 Datasheet HTML 3Page - Micro Linear Corporation ML6401 Datasheet HTML 4Page - Micro Linear Corporation ML6401 Datasheet HTML 5Page - Micro Linear Corporation ML6401 Datasheet HTML 6Page - Micro Linear Corporation ML6401 Datasheet HTML 7Page - Micro Linear Corporation ML6401 Datasheet HTML 8Page - Micro Linear Corporation ML6401 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 1997
ML6401
*
8-Bit 20 MSPS A/D Converter
1
GENERAL DESCRIPTION
The ML6401 is a single-chip 8-bit 20 MSPS BiCMOS Video
A/D Converter IC, incorporating a differential input track
and hold, clock generation circuitry, and reference voltage.
The input track and hold consists of a low (4pF)
capacitance input and a fast settling operational amplifier.
The A/D conversion is accomplished through a pipeline
approach, reducing the number of required comparators
and latches. The non-over-lapping clocks required for this
architecture are all internally generated. Clock generation
circuitry requires only one 50% duty cycle clock input.
The use of error correction throughout the A/D converter
improves DNL. All bias voltages and currents required by
the A/D converter are internally generated. The digital
outputs are three-stateable.
FEATURES
s 5.0V
±10% single supply operation
s Internal reference voltage
s Power dissipation less than 200mW typical
s Replaces TMC1175MC20 and AD775JR,
functionally compatible to Sony CXD1175AM/AP
s 16-pin reduced pin count packages
available: ML6401CS-3
s Low input capacitance track and hold: 4pF
s Onboard non-overlapping clock generation to
minimize external components
s Three-state outputs and no missing codes
s 150MHz input track and hold
BLOCK DIAGRAM/TYPICAL APPLICATION
*Some Packages Are End Of Life
DIGITAL
ERROR
CORRECTION
OE
D7
D6
D5
D4
D3
D2
D1
D0
VDDD
VDDA
VDDA
VDDA
VDDD
GNDO
GNDD
GNDA
GNDA
CLK
5V
CLOCK GENERATOR
20MHz
SUB
DAC
AMP
SUB
DAC
AMP
ADC 3
ADC 2
ADC 1
150MHz
T & H
VIN+
VIN–
INTERNAL
REFERENCES
1.5V
1.0V
1k
Ω
1k
Ω
75
Ω
VIDEO
INPUT
+
+
10
µF
47
µF
0.1
µF
VIN-BIAS
VREFOUT
VREFIN


Similar Part No. - ML6401

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
ML64116R MITSUBISHI-ML64116R Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6411A MITSUBISHI-ML6411A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML6411C MITSUBISHI-ML6411C Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML6401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
8-Bit 20 MSPS Flash A/D Converter
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
8-Bit 20 MSPS Flash A/D Converter
logo
fujitsu semiconductor
MB40C938V FUJITSU-MB40C938V Datasheet
127Kb / 13P
20 MSPS 3ch 8-bit D/A Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
List of Unclassifed Man...
SPT175 ETC1-SPT175 Datasheet
76Kb / 8P
8-BIT, 20 MSPS CMOS A/D CONVERTER
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com