Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6401 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6401
Description  8-Bit 20 MSPS A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6401 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6401 Datasheet HTML 1Page - Micro Linear Corporation ML6401 Datasheet HTML 2Page - Micro Linear Corporation ML6401 Datasheet HTML 3Page - Micro Linear Corporation ML6401 Datasheet HTML 4Page - Micro Linear Corporation ML6401 Datasheet HTML 5Page - Micro Linear Corporation ML6401 Datasheet HTML 6Page - Micro Linear Corporation ML6401 Datasheet HTML 7Page - Micro Linear Corporation ML6401 Datasheet HTML 8Page - Micro Linear Corporation ML6401 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ML6401
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, CL = 15pF, VCC = 5V ±10%, TA = Operating Temperature Range (Note 1).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
8
Bits
Power Dissipation
200
325
mW
Transfer Function
DC Integral Linearity
fCLk = 15MSPS
±0.8
±1.25
LSB
DC Differential Linearity
fCLk = 15MSPS
±0.6
±1
LSB
AC Integral Linearity
VIN = 2V, 4.4MHz
±2
LSB
Offset Voltage
VIN– = VIN–BIAS, VREFOUT = VREFIN
±10
LSB
Gain Error
VIN– = VIN–BIAS, VREFOUT = VREFIN
±2
±5
LSB
Analog Signal Processing
Differential Gain
VIN = NTSC 40 IRE modulated ramp,
fCLK = 14.3 MSPS
1.8
%
Differential Phase
VIN = NTSC 40 IRE modulated ramp,
fCLK = 14.3 MSPS
0.9
degree
Signal to Noise Ratio
VIN = 2V, 1MHz, fCLK = 20MHz
48
dB
Distortion
0.18
%
Spurious Free Dynamic Range
58
dB
SIN and Distortion (SINAD)
47
dB
Effective Bits
7.4
bits
Analog Inputs
Input Voltage
Digital Output = 0,
VIN– = VIN–BIAS, VREFOUT = VREFIN
0.5
V
Digital Output = 255,
VIN– = VIN–BIAS, VREFOUT = VREFIN
2.5
V
Input Current
fCLK = 20MHz
±20
±30
µA
Input Capacitance
VIN = 2V
4.0
pF
Analog Input Bandwidth
150
MHz
Reference Outputs
VIN–BIAS
1.45
1.5
1.55
V
VREFOUT
IREFOUT = 50µA
0.97
1.0
1.03
V
VRIN
±5
µA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ............................................... 55mA
Peak Driver Output Current ...............................
±500mA
Analog Inputs ................................................... –0.3 to 7V
Junction Temperature ............................................. 150
°C
Storage Temperature Range ..................... –65
°C to 150°C
Lead Temperature (soldering, 10 sec) ..................... 150
°C
Thermal Resistance (
θJA)
Plastic DIP ....................................................... 80
°C/W
Plastic SOIC ................................................... 110
°C/W
OPERATING CONDITIONS
Temperature Range ....................................... 0
°C to 70°C
TPWH(min) = TPWL(min) ............................................... 25ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com