Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6401 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6401
Description  8-Bit 20 MSPS A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6401 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6401 Datasheet HTML 1Page - Micro Linear Corporation ML6401 Datasheet HTML 2Page - Micro Linear Corporation ML6401 Datasheet HTML 3Page - Micro Linear Corporation ML6401 Datasheet HTML 4Page - Micro Linear Corporation ML6401 Datasheet HTML 5Page - Micro Linear Corporation ML6401 Datasheet HTML 6Page - Micro Linear Corporation ML6401 Datasheet HTML 7Page - Micro Linear Corporation ML6401 Datasheet HTML 8Page - Micro Linear Corporation ML6401 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ML6401
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Characteristics
Maximum CLK Input Frequency
20
25
MHz
Clock Duty Cycle
CLK = 13.5MHz
40
60
%
tPWH
CLK
≤ 20MHz
25
ns
tPWL
CLK
≤ 20MHz
25
ns
Analog To Digital Converter Inputs — CLK
Low Level Input Voltage
VIL
0
0.8
V
High Level Input Voltage
VIH
2.4
VDDD
V
Low Level Input Current
VIL = 0.1V
–5
+5
µA
High Level Input Current
VIH = VDDD – 0.1V
–5
+5
µA
Input Capacitance
4.0
pF
Timing — Digital Outputs (CL = 15pF, IOL = 2mA, RL = 2kΩ, fCLK = 20MHz)
Sampling Delay
tDS
5ns
Output Hold Time
tHO
412
10
ns
Output Delay Time
tDO
518
30
ns
Three-State Delay Time — Output Enable
10
25
ns
Three-State Delay Time — Output Disable
10
20
ns
Analog To Digital Converter Outputs — Digital
Low Level Output Voltage
IOL = 2mA
0
0.6
V
High Level Output Voltage
IOH = 2mA
2.4
VCCO
V
Output Current in Three-State Mode
–20
+20
µA
Supplies
Analog, Digital & Output Supply Voltage
4.5
5.5
V
Analog Supply Current
Static
26
34
mA
Digital Supply Current
fCLK = 20MHz
10
15
mA
Output Supply Current
fCLK = 20MHz, CL = 0pF
4
10
mA
(VIN+) – (VIN–)
CLK
D0 TO D7
SAMPLE
OUT
N
N+1
N+2
N+3
N+4
N–3
N–2
N–1
N
N+1
tDS
tPWH
tPWL
tHO
tDO
TIMING DIAGRAM
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com