Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6353 Datasheet (PDF) - OKI electronic componets

MSM6353 Datasheet PDF - OKI electronic componets
Part # MSM6353
Download  MSM6353 Download
File Size   140.22 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 8 or 5 bit Serial Port 4-Bit Microcontroller

MSM6353 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6353 Datasheet PDF - OKI electronic componets

Part # MSM6353
Download  MSM6353 Click to download

File Size   140.22 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 8 or 5 bit Serial Port 4-Bit Microcontroller

MSM6353 Datasheet (HTML) - OKI electronic componets


MSM6353 Product details

GENERAL DESCRIPTION
The MSM6353/6353L is a low-power 4-bit microcontroller manufactured in CMOS process technology. It is best suited for the control of battery-driven equipment. The built-in 8-bit or 5-bit serial port provides a data communication capability with external apparatus.

FEATURES
• Low power consumption
• Large capacity memory
• ROM : 4096 words x 15 bits
• RAM : 1024 words x 4 bits
• I/O port
    Input-output port : 5 ports · 4 bits (input or output can be specified for each port)
• 1.5 V single-power-supply operation (MSM6353)
    Can be changed to 3.0 V specification by mask option (MSM6353L).
• Built-in watchdog timer
• Built-in serial port of 8 bits or 5 bits (asynchronous)
• 32.768 kHz built-in crystal oscillator circuit
• Package options:
    42-pin shrink DIP (SDIP42-P-600-1.78) (Product name: MSM6353-xxSS, MSM6353L-xxSS)
    44-pin plastic QFP (QFP44-P-910-0.80-K) (Product name:MSM6353-xxGS-K, MSM6353L-xxGS-K)
                    (QFP44-P-910-0.80-2K) (Product name: MSM6353-xxGS-2K, MSM6353L-xxGS-2K)
                            xx indicates the code number.
   




Similar Part No. - MSM6353

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6351 OKI-MSM6351 Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-BK OKI-MSM6351-XXGS-BK Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-K OKI-MSM6351-XXGS-K Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-L OKI-MSM6351-XXGS-L Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351L OKI-MSM6351L Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
More results


Similar Description - MSM6353

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64172 OKI-MSM64172 Datasheet
189Kb / 29P
4-Bit Microcontroller with Built-in Serial Port and LCD Driver
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Sanyo Semicon Device
LC66E408 SANYO-LC66E408 Datasheet
392Kb / 16P
4-bit Microcontroller with Built-in EPROM
LC66P308 SANYO-LC66P308 Datasheet
415Kb / 17P
4-bit Microcontroller with Built-in PROM????
LC66P408 SANYO-LC66P408 Datasheet
399Kb / 16P
4-bit Microcontroller with Built-in PROM??????
LC66P516 SANYO-LC66P516 Datasheet
465Kb / 19P
4-bit Microcontroller with Built-in PROM??????
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
UVEPROM built-in 8-Bit Single Chip Microcontroller????
logo
OKI electronic componet...
MSM6351 OKI-MSM6351 Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
logo
List of Unclassifed Man...
ML610Q409 ETC2-ML610Q409 Datasheet
426Kb / 34P
8-bit Microcontroller with a Built-in LCD driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com