Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9759 Datasheet (PDF) - Maxim Integrated Products

MAX9759 Datasheet PDF - Maxim Integrated Products
Part # MAX9759
Download  MAX9759 Download
File Size   957.72 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.2W, High-Efficiency, Low-EMI, Filterless, Class D Audio Amplifier

MAX9759 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9759 Datasheet PDF - Maxim Integrated Products

Part # MAX9759
Download  MAX9759 Click to download

File Size   957.72 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.2W, High-Efficiency, Low-EMI, Filterless, Class D Audio Amplifier

MAX9759 Datasheet (HTML) - Maxim Integrated Products


MAX9759 Product details

General Description
The MAX9759 mono class D, audio power amplifier provides class AB amplifier audio performance with the benefits of class D efficiency, eliminating the need for a heatsink and extending battery life. The MAX9759 delivers up to 3.2W of continuous power into a 4Ω load while offering greater than 90% efficiency. Maxim’s next-generation, low-EMI modulation scheme allows the amplifier to operate without an external LC filter while still meeting FCC EMI-radiated emission levels.

Features
♦ 3.2W into 4Ω Load (THD+N = 10%)
♦ Filterless Amplifier Passes FCC Radiated Emissions Standards with 7.6cm of Cable
♦ 92% Efficiency
♦ High PSRR (81dB at 1kHz)
♦ Low 0.02% THD+N
♦ External Clock Synchronization for Multiple, Cascaded Maxim Class D Amplifiers
♦ 3.0V to 5.5V Single-Supply Operation
♦ Pin-Selectable Gain (6dB, 12dB, 18dB, 24dB)
♦ Integrated Click-and-Pop Suppression
♦ Low Quiescent Current (8.4mA)
♦ Low-Power Shutdown Mode (10µA)
♦ Mute Function
♦ Short-Circuit and Thermal-Overload Protection
♦ Available in Thermally Efficient Packages
    16-Pin TQFN (4mm x 4mm x 0.8mm)
    16-Pin TSSOP

Applications
    Cell Phones/PDAs
    Notebook PCs
    Portable DVD Players
    Flat-Panel PC Monitors
    LCD TVs
    LCD Projectors




Similar Part No. - MAX9759

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9759 AD-MAX9759 Datasheet
727Kb / 20P
3.2W, High-Efficiency, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1 10/05
More results


Similar Description - MAX9759

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Analog Devices
SSM2302 AD-SSM2302 Datasheet
474Kb / 20P
Filterless High Efficiency Class-D Stereo Audio Amplifier
6/06-Revision 0
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
logo
Maxim Integrated Produc...
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
logo
Analog Devices
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
Filterless High Efficiency Class-D Stereo Audio Amplifier
REV. 0
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823_11 Datasheet
148Kb / 11P
High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com