Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5021 Datasheet (PDF) - M.S. Kennedy Corporation

MSK5021 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5021
Download  MSK5021 Download
File Size   260.98 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR

MSK5021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5021 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5021
Download  MSK5021 Click to download

File Size   260.98 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR

MSK5021 Datasheet (HTML) - M.S. Kennedy Corporation


MSK5021 Product details

DESCRIPTION:

The MSK 5021 is a user adjustable voltage regulator capable of delivering 20 amps to a load with only a 0.5 volt dropout voltage rating. The output voltage is adjustable from 1.3 volts to 36 volts through the selection of two external resistors. Low dropout voltage ratings are achieved by employing a unique parallel MOSFET output pass transistor configuration which drives power dissipation down and efficiency up. Accuracy is guaranteed with a ±1% voltage tolerance at room temperature that only varies ±2% over temperature. A TTL level input can be used to enable/disable the device and a regulation dropout Fault pin provides a means of monitoring the output level. The MSK 5021 is packaged in a thermally efficient 12 pin power dip that can be bolted directly to a heat sink.



FEATURES:

Extremely Low Dropout Voltage: 0.50V @ 20 Amps

Output Voltage Adjustable from 1.3V to 36V with Two External Resistors

TTL Level Enable Pin

Externally Programmable Current Limit

Low Quiescent Current

Available Fully Qualified to Mil-PRF-38534

Output Current to 20 Amps

Regulation Dropout Fault Pin



TYPICAL APPLICATIONS

High Efficiency, High Current Linear Regulators

Adjustable Voltage/Current Regulators

System Power Supplies

Switching Power Supply Post Regulators



 




Similar Part No. - MSK5021

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5021 ANAREN-MSK5021 Datasheet
140Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5021B ANAREN-MSK5021B Datasheet
140Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5021 MSK-MSK5021_15 Datasheet
748Kb / 7P
Externally Programmable Current Limit
More results


Similar Description - MSK5021

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
logo
Sipex Corporation
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5012BTU MSK-MSK5012BTU Datasheet
207Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
B29150 ETC1-B29150 Datasheet
62Kb / 5P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5010 ANAREN-MSK5010 Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5021 ANAREN-MSK5021 Datasheet
140Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com