Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5021 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK5021
Description  HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5021 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK5021 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5021 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5021 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5021 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5021 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5021 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL CONNECTION DIAGRAM
The output voltage of the MSK 5021 can be adjusted from +1.3 volts to +36 volts. Refer to the following
formula for resistor divider selection. R2 shall be 10K
Ω for all applications.
RADJUST = 1 x 10 ((Vout/1.235)-1)
The above connection diagram illustrates an MSK 5021 regulator. Q1 turns on the Fault L.E.D. when pin 6 of the
hybrid drops to a logic low. Current into pin 6 is limited to approximately 1mA by the 12K
Ω resistor from pin 5 to pin
6. The optimum value of capacitance COUT may vary from one application to the next depending on the load applied.
10µF is a good starting point.
The ENABLE input is TTL compatible but can be tied to the input voltage when
shutdown is not needed. RSC should be selected for the desired current limit. See current limit connections applica-
tion note.
OUTPUT VOLTAGE ADJUSTMENT:
4
Rev. F
1/05
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com