Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514100D Datasheet (PDF) - OKI electronic componets

MSM514100D Datasheet PDF - OKI electronic componets
Part # MSM514100D
Download  MSM514100D Download
File Size   262.38 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514100D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514100D Datasheet PDF - OKI electronic componets

Part # MSM514100D
Download  MSM514100D Click to download

File Size   262.38 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514100D Datasheet (HTML) - OKI electronic componets


MSM514100D Product details

DESCRIPTION
The MSM514100D/DL is a 4,194,304-word x 1-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM514100D/DL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/single-layer metal CMOS process. The MSM514100D/DL is available in a 26/20-pin plastic SOJ, 20- pin plastic ZIP, or 26/20-pin plastic TSOP. The MSM514100DL (the low-power version) is specially designed for lower-power applications.

FEATURES
• 4,194,304-word · 1-bit configuration
• Single 5 V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 1024 cycles/16 ms, 1024 cycles/128 ms (L-version)
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Package options:
    26/20-pin 300 mil plastic SOJ (SOJ26/20-P-300-1.27) (Product : MSM514100D/DL-xxSJ)
    20-pin 400 mil plastic ZIP (ZIP20-P-400-1.27) (Product : MSM514100D/DL-xxZS)
    26/20-pin 300 mil plastic TSOP (TSOPII26/20-P-300-1.27-K) (Product : MSM514100D/DL-xxTS-K) xx indicates speed rank.




Similar Part No. - MSM514100D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514102D OKI-MSM514102D Datasheet
311Kb / 18P
4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
MSM514102D-60SJ OKI-MSM514102D-60SJ Datasheet
311Kb / 18P
4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
MSM514102D-60TS-K OKI-MSM514102D-60TS-K Datasheet
311Kb / 18P
4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
MSM514102D-60ZS OKI-MSM514102D-60ZS Datasheet
311Kb / 18P
4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
MSM514102D-70SJ OKI-MSM514102D-70SJ Datasheet
311Kb / 18P
4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE
More results


Similar Description - MSM514100D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400D OKI-MSM51V16400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200 OKI-MSM518200 Datasheet
489Kb / 17P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM519200 OKI-MSM519200 Datasheet
477Kb / 17P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com