Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514102D Datasheet (PDF) - OKI electronic componets

MSM514102D Datasheet PDF - OKI electronic componets
Part # MSM514102D
Download  MSM514102D Download
File Size   311.59 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE

MSM514102D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514102D Datasheet PDF - OKI electronic componets

Part # MSM514102D
Download  MSM514102D Click to download

File Size   311.59 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word X 1-Bit DYNAMIC RAM : STATIC COLUMN MODE TYPE

MSM514102D Datasheet (HTML) - OKI electronic componets


MSM514102D Product details

DESCRIPTION
The MSM514102D/DL is a 4,194,304-word x 1-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM514102D/DL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/ single-layer metal CMOS process. The MSM514102D/DL is available in a 26/20-pin plastic SOJ, 20- pin plastic ZIP, or 26/20-pin plastic TSOP. The MSM514102DL (the low-power version) is specially designed for lower-power applications.

FEATURES
• 4,194,304-word x 1-bit configuration
• Single 5 V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 1024 cycles/16 ms, 1024 cycles/128 ms (L-version)
• Static Column mode, read modify write capability
• CS before RAS refresh, hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Package options:
    26/20-pin 300 mil plastic SOJ (SOJ26/20-P-300-1.27) (Product : MSM514102D/DL-xxSJ)
    20-pin 400 mil plastic ZIP (ZIP20-P-400-1.27) (Product : MSM514102D/DL-xxZS)
    26/20-pin 300 mil plastic TSOP (TSOPII26/20-P-300-1.27-K) (Product : MSM514102D/DL-xxTS-K)
                                                                                                     xx indicates speed rank.




Similar Part No. - MSM514102D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514100DL OKI-MSM514100DL Datasheet
262Kb / 17P
4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM514102D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
4,194,304 WORD x 1 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
4,194,304 WORD x BIT DYNAMIC RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51258P HITACHI-HM51258P Datasheet
500Kb / 9P
262,144-word x 1-bit Static Column CMOS Dynamic RAM
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
4,194,304 WORD X 4 BIT DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com