Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1741P Datasheet (PDF) - uPI Group Inc.

UP1741P Datasheet PDF - uPI Group Inc.
Part # UP1741P
Download  UP1741P Download
File Size   234.36 Kbytes
Page   13 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Wide Input Range, 8A, Synchronous-Rectified Buck Converter

UP1741P Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1741P Datasheet PDF - uPI Group Inc.

Part # UP1741P
Download  UP1741P Click to download

File Size   234.36 Kbytes
Page   13 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Wide Input Range, 8A, Synchronous-Rectified Buck Converter

UP1741P Datasheet (HTML) - uPI Group Inc.




Similar Part No. - UP1741P

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Converter
UP1740SQMI UPI-UP1740SQMI Datasheet
245Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Converter
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
5V/12V Synchronous-Rectified Buck Controller
More results


Similar Description - UP1741P

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
uPI Group Inc.
UP9601 UPI-UP9601 Datasheet
202Kb / 12P
3A , Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
Synchronous-Rectified Buck Converter
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com