Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1746 Datasheet (PDF) - uPI Group Inc.

UP1746 Datasheet PDF - uPI Group Inc.
Part # UP1746
Download  UP1746 Download
File Size   201.71 Kbytes
Page   14 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 5V/12V Synchronous-Rectified Buck Controller

UP1746 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1746 Datasheet PDF - uPI Group Inc.

Part # UP1746
Download  UP1746 Click to download

File Size   201.71 Kbytes
Page   14 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 5V/12V Synchronous-Rectified Buck Controller

UP1746 Datasheet (HTML) - uPI Group Inc.




Similar Part No. - UP1746

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Converter
UP1740SQMI UPI-UP1740SQMI Datasheet
245Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Converter
UP1741P UPI-UP1741P Datasheet
234Kb / 13P
Wide Input Range, 8A, Synchronous-Rectified Buck Converter
UP1741PQMI UPI-UP1741PQMI Datasheet
234Kb / 13P
Wide Input Range, 8A, Synchronous-Rectified Buck Converter
More results


Similar Description - UP1746

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com