Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514221B Datasheet (PDF) - OKI electronic componets

MSM514221B Datasheet PDF - OKI electronic componets
Part # MSM514221B
Download  MSM514221B Download
File Size   154.54 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,263-Word x 4-Bit Field Memory

MSM514221B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514221B Datasheet PDF - OKI electronic componets

Part # MSM514221B
Download  MSM514221B Click to download

File Size   154.54 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,263-Word x 4-Bit Field Memory

MSM514221B Datasheet (HTML) - OKI electronic componets


MSM514221B Product details

DESCRIRTION
The OKI MSM514221B is a high performance 1-Mbit, 256K x 4-bit, Field Memory. It is designed for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies and Multi-media systems. It is a FRAM for wide or low end use as general commodity TVs and VTRs, exclusively. The MSM514221B is not designed for the other use or high end use in medical systems, professional graphics systems which require long term picture, and data storage systems and others. The 1-Mbit capacity fits one field of a conventional NTSC TV screen.

FEATURES
• Single power supply: 5 V ±10%
• 512 Rows x 512 Column x 4 bits
• Fast FIFO (First-in First-out)operation
• High speed asynchronous serial access
    Read/Write cycle time 30 ns/40 ns/60 ns
    Access time 25 ns/30 ns/50 ns
• Functional compatibility with OKI MSM518221
• Self refresh (No refresh control is required)
• Package options:
    16-pin 300 mil plastic DIP (DIP16-P-300-2.54-W1) (Product : MSM514221B-xxRS)
    26/20-pin 300 mil plastic SOJ (SOJ26/20-P-300-1.27) (Product : MSM514221B-xxJS)
    20-pin 400 mil plastic ZIP (ZIP20-P-400-1.27) (Product : MSM514221B-xxZS)
                                                                            xx indicates speed rank.




Similar Part No. - MSM514221B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
262,263-Word x 4-Bit Field Memory
More results


Similar Description - MSM514221B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
262,263-Word x 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
262,263-Word 횞 4-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
262,263-Word 횞 4-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com