Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514223B Datasheet (PDF) - OKI electronic componets

MSM514223B Datasheet PDF - OKI electronic componets
Part # MSM514223B
Download  MSM514223B Download
File Size   139.29 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,263-Word x 4-Bit Field Memory

MSM514223B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514223B Datasheet PDF - OKI electronic componets

Part # MSM514223B
Download  MSM514223B Click to download

File Size   139.29 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,263-Word x 4-Bit Field Memory

MSM514223B Datasheet (HTML) - OKI electronic componets


MSM514223B Product details

DESCRIRTION
The OKI MSM514223B is a high performance 1-Mbit, 256K x 4-bit, Field Memory. It is designed for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies and Multi-media systems. It is a FRAM for wide or low end use as general commodity TVs and VTRs, exclusively. The MSM514223B is not designed for the other use or high end use in medical systems, professional graphics systems which require long term picture, and data storage systems and others. The 1-Mbit capacity fits one field of a conventional NTSC TV screen and cascaded two MSM514223Bs make one frame of the screen: more than two MSM514223Bs can be cascaded directly without any delay devices among the MSM514223Bs. (Cascading of MSM514223B provides larger storage depth or a longer delay).

FEATURES
• Single power supply: 5 V ±10%
• 512 Rows x 512 Column x 4 bits
• Fast FIFO (First-in First-out) operation
• High speed asynchronous serial access
    Read/Write cycle time 30 ns/40 ns/60 ns
    Access time 25 ns/30 ns/50 ns
• Direct cascading capability
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package:
    18-pin 300 mil plastic DIP (DIP18-P-300-2.54-W1) (Product : MSM514223B-xxRS)
                                                                                         xx indicates speed rank.




Similar Part No. - MSM514223B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-30JS OKI-MSM514221B-30JS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-30RS OKI-MSM514221B-30RS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-30ZS OKI-MSM514221B-30ZS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-40JS OKI-MSM514221B-40JS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
More results


Similar Description - MSM514223B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
262,263-Word 횞 4-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
262,263-Word 횞 4-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com