Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3PMT5 Datasheet (PDF) - Microsemi Corporation

3PMT5 Datasheet PDF - Microsemi Corporation
Part # 3PMT5
Download  3PMT5 Download
File Size   491.29 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor

3PMT5 Datasheet (PDF)

Go To PDF Page Download Datasheet
3PMT5 Datasheet PDF - Microsemi Corporation

Part # 3PMT5
Download  3PMT5 Click to download

File Size   491.29 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor

3PMT5 Datasheet (HTML) - Microsemi Corporation


3PMT5 Product details

DESCRIPTION
These 1500 watt transient voltage suppressors offer power-handling capabilities only found in larger packages. They are most often used for protecting against transients from inductive switching environments or induced secondary lightning effects as found in lower surge levels of IEC61000-4-5. With very fast response times, they are also effective in protection from ESD or EFT. Powermite® package features include a full metallic bottom that eliminates the possibility of solder-flux entrapment during assembly. They also provide unique locking tab acting as an integral heat sink. With its very short terminations, parasitic inductance is minimized to reduce voltage overshoots during fast-rise-time transients.

FEATURES
• Very low profile surface mount package (1.1mm)
• Integral heat sink-locking tabs
• Compatible with automatic insertion equipment
• Full metallic bottom eliminates flux entrapment
• Voltage range 5 volts to 170 volts
• Available in both unidirectional or bi-directional (C suffix for bi-directional)

MAXIMUM RATINGS
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• 1500 Watt peak pulse power (10 / 1000 µsec.)
• Forward Surge Current: 200 Amps at 8.3 ms (excluding bidirectional)
• Repetition surge rate (duty factor): 0.01%
• Thermal resistance: 2.5°C / watt junction to tab 130°C / watt junction to ambient with recommended footprint
• Lead and mounting temperature: 260°C for 10 sec

APPLICATIONS / BENEFITS
• Secondary lightning transient protection
• Inductive switching transient protection
• Small footprint
• Very low parasitic inductance for minimal voltage overshoot
• Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively and IEC61000-4-5 for surge levels defined herein




Similar Part No. - 3PMT5

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PM0 SEMTECH-3PM0 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM4 SEMTECH-3PM4 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM6 SEMTECH-3PM6 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM8 SEMTECH-3PM8 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
More results


Similar Description - 3PMT5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N6373 DIGITRON-1N6373 Datasheet
325Kb / 3P
1500 WATT LOW CLAMPING FACTOR TRANSIENT VOLTAGE SUPPRESSOR
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com