Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3PMT5 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 3PMT5
Description  POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

3PMT5 Datasheet(HTML) 1 Page - Microsemi Corporation

  3PMT5 Datasheet HTML 1Page - Microsemi Corporation 3PMT5 Datasheet HTML 2Page - Microsemi Corporation 3PMT5 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWERMITE
®
Low Profile 1500 Watt
Transient Voltage Suppressor
SCOTTSD A L E DIVISION
3PMT5.0A thru 3PMT170A
DESCRIPTION
APPEARANCE
These 1500 watt transient voltage suppressors offer power-handling capabilities
only found in larger packages. They are most often used for protecting against
transients from inductive switching environments or induced secondary lightning
effects as found in lower surge levels of IEC61000-4-5. With very fast response
times, they are also effective in protection from ESD or EFT. Powermite
® package
features include a full metallic bottom that eliminates the possibility of solder-flux
entrapment during assembly. They also provide unique locking tab acting as an
integral heat sink. With its very short terminations, parasitic inductance is minimized
to reduce voltage overshoots during fast-rise-time transients
.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Very low profile surface mount package (1.1mm)
•
Integral heat sink-locking tabs
•
Compatible with automatic insertion equipment
•
Full metallic bottom eliminates flux entrapment
•
Voltage range 5 volts to 170 volts
•
Available in both unidirectional or bi-directional
(C suffix for bi-directional)
• Secondary lightning transient protection
• Inductive switching transient protection
• Small footprint
• Very low parasitic inductance for minimal
voltage overshoot
• Compliant to IEC61000-4-2 and IEC61000-4-4 for
ESD and EFT protection respectively and
IEC61000-4-5 for surge levels defined herein
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• 1500 Watt peak pulse power (10 / 1000 µsec.)
• Forward Surge Current: 200 Amps at 8.3 ms
(excluding bidirectional)
• Repetition surge rate (duty factor): 0.01%
• Thermal resistance: 2.5°C / watt junction to tab
130°C / watt junction to ambient with
recommended footprint
• Lead and mounting temperature: 260°C for 10 sec
• Terminals tin-lead plated
• Two-leads on side internally connected together
• Cathode designated with band (unidirectional)
• Body marked with P/N without 3PMT prefix
(ie. 5.0A, 5.0CA, 12A, 12CA, 170A, 170CA, etc.)
• Molded epoxy package meets UL94V-0
• Weight: 0.072 grams (approximate)
• Tape & Reel packaging per EIA-481-2
(16 mm - 6000 units/reel)
ELECTRICAL CHARACTERISTICS
MICROSEMI
PART NUMBER
STANDOFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
MIN
CLAMPING
VOLTAGE
VC
@ IPP
(FIGURE 4)
VOLTS
MAX
PEAK PULSE
CURRENT
IPP
(FIGURE 4)
AMPS
STANDBY
CURRENT
ID
@ VWM
µA
MAX
TEMPERATURE
COEFFICIENT
OF VBR
αV(BR)
%/°C
MAX
3PMT5.0A
5
6.40
9.2
163.0
1000
.057
3PMT6.0A
6
6.67
10.3
145.6
1000
.059
3PMT6.5A
6.5
7.22
11.2
133.9
500
.061
3PMT7.0A
7
7.78
12.0
125.0
200
.065
3PMT7.5A
7.5
8.33
12.9
116.3
100
.067
3PMT8.0A
8
8.89
13.6
110.3
50
.070
3PMT8.5A
8.5
9.94
14.4
104.2
25
.073
3PMT9.0A
9.0
10.0
15.4
97.4
10
.076
3PMT10A
10
11.1
17.0
88.2
5
.078
3PMT11A
11
12.2
18.2
82.4
5
.081
3PMT12A
12
13.3
19.9
75.3
5
.082
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
12-6-2002 REV A


Similar Part No. - 3PMT5

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PM0 SEMTECH-3PM0 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM4 SEMTECH-3PM4 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM6 SEMTECH-3PM6 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
3PM8 SEMTECH-3PM8 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
More results

Similar Description - 3PMT5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N6373 DIGITRON-1N6373 Datasheet
325Kb / 3P
1500 WATT LOW CLAMPING FACTOR TRANSIENT VOLTAGE SUPPRESSOR
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com