Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514256C Datasheet (PDF) - OKI electronic componets

MSM514256C Datasheet PDF - OKI electronic componets
Part # MSM514256C
Download  MSM514256C Download
File Size   258.24 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514256C Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514256C Datasheet PDF - OKI electronic componets

Part # MSM514256C
Download  MSM514256C Click to download

File Size   258.24 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514256C Datasheet (HTML) - OKI electronic componets


MSM514256C Product details

DESCRIPTION
The MSM514256C/CL is a 262,144-word x 4-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM514256C/CL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/single-layer metal CMOS process. The MSM514256C/CL is available in a 20-pin plastic DIP, 26/20-pin plastic SOJ, or 20-pin plastic ZIP. The MSM514256CL (the low-power version) is specially designed for lower-power applications.

FEATURES
• 262,144-word x 4-bit configuration
• Single 5 V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 512 cycles/8 ms, 512 cycles/64 ms (L-version)
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Package options:
    20-pin 300 mil plastic DIP (DIP20-P-300-2.54-W1) (Product : MSM514256C/CL-xxRS)
    26/20-pin 300 mil plastic SOJ (SOJ26/20-P-300-1.27) (Product : MSM514256C/CL-xxJS)
    20-pin 400 mil plastic ZIP (ZIP20-P-400-1.27) (Product : MSM514256C/CL-xxZS)
                                                                             xx indicates speed rank.




Similar Part No. - MSM514256C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
262,144-Word x 4-Bit Multiport DRAM
MSM514252A-10ZS OKI-MSM514252A-10ZS Datasheet
358Kb / 33P
262,144-Word x 4-Bit Multiport DRAM
More results


Similar Description - MSM514256C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
144Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4256A OKI-MSM51V4256A Datasheet
245Kb / 17P
262,144-Word 쨈 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800C OKI-MSM512800C Datasheet
259Kb / 16P
262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com