Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5416258B Datasheet (PDF) - OKI electronic componets

MSM5416258B Datasheet PDF - OKI electronic componets
Part # MSM5416258B
Download  MSM5416258B Download
File Size   204.84 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM5416258B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5416258B Datasheet PDF - OKI electronic componets

Part # MSM5416258B
Download  MSM5416258B Click to download

File Size   204.84 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM5416258B Datasheet (HTML) - OKI electronic componets


MSM5416258B Product details

DESCRIPTION
The MSM5416258B is a 262,144-word x 16-bit dynamic RAM fabricated in OKIs CMOS silicon gate technology. The MSM5416258B achieves high integration,high-speed operation,and low-power consumption due to quadruple polysilicon double metal CMOS. The MSM5416258B is available in a 40-pin plastic SOJ.

FEATURES
• 262,144-word by 16-bit configuration
• Single 5V power supply, ±10% tolerance
• Input :TTL compatible
• Output :TTL compatible, 3-state
• Refresh : 512 cycles/8ms
• Fast page mode with EDO,read modify write capability
• Byte wide control: 2 CAS control
• CAS before RAS refresh, Hidden refresh, RAS only refresh capability
• Package : 40-Pin 400 mil plastic SOJ (SOJ40-P-400)
                    (Product : MSM5416258B-xxJS) xx : indicates speed rank.




Similar Part No. - MSM5416258B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSM5416258B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514265C OKI-MSM514265C Datasheet
266Kb / 17P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258A OKI-MSM54V16258A Datasheet
1Mb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265ESL OKI-MSM514265ESL Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com