Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514265E Datasheet (PDF) - OKI electronic componets

MSM514265E Datasheet PDF - OKI electronic componets
Part # MSM514265E
Download  MSM514265E Download
File Size   146.82 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM514265E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514265E Datasheet PDF - OKI electronic componets

Part # MSM514265E
Download  MSM514265E Click to download

File Size   146.82 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM514265E Datasheet (HTML) - OKI electronic componets


MSM514265E Product details

DESCRIPTION
The MSM514265E/ESL is a 262,144-word ×16-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS technology. The MSM514265E/ESL achieves high integration, high-speed operation, and low-powerconsumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM514265E/ESL is available in a 40-pin plastic SOJ or 44/40-pin plastic TSOP. The MSM514265ESL (the Self-refresh version) is specially designed for lower-power applications.

FEATURES
• 262,144-word ×16-bit configuration
• Single 5V power supply, ±10%tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 512 cycles/8ms, 512 cycles/128 ms (SL version)
• Fast page mode with EDO, read modify write capability
• CASbefore RASrefresh, hidden refresh, RAS-only refresh capability
• CASbefore RASself-refresh capability (SL version)
• Package options:
  40-pin 400mil plastic SOJ (SOJ40-P-400-1.27) (Product : MSM514265E/ESL-xxJS)
  44/40-pin 400mil plastic TSOP (TSOPII44/40-P-400-0.80-K) (Product : MSM514265E./ESL-xxTS-K)
                                                                                             xx indicates speed rank.




Similar Part No. - MSM514265E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514265E OKI-MSM514265E Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E-60JS OKI-MSM514265E-60JS Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E-60TS-K OKI-MSM514265E-60TS-K Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E-70JS OKI-MSM514265E-70JS Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E-70TS-K OKI-MSM514265E-70TS-K Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSM514265E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514265C OKI-MSM514265C Datasheet
266Kb / 17P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258A OKI-MSM54V16258A Datasheet
1Mb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265ESL OKI-MSM514265ESL Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com