Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514265C Datasheet (PDF) - OKI electronic componets

MSM514265C Datasheet PDF - OKI electronic componets
Part # MSM514265C
Download  MSM514265C Download
File Size   266.99 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM514265C Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514265C Datasheet PDF - OKI electronic componets

Part # MSM514265C
Download  MSM514265C Click to download

File Size   266.99 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM514265C Datasheet (HTML) - OKI electronic componets


MSM514265C Product details

DESCRIPTION
The MSM514265C/CSL is a 262,144-word ´ 16-bit dynamic RAM fabricated in Okis silicon-gate
CMOS technology. The MSM514265C/CSL achieves high integration, high-speed operation, and
low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/
single-layer metal CMOS process. The MSM514265C/CSL is available in a 40-pin plastic SOJ or 44/40-pin plastic TSOP. The MSM514265CSL (the self-refresh version) is specially designed for lower
power applications.

FEATURES
• 262,144-word ´ 16-bit configuration
• Single 5 V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 512 cycles/8 ms, 512 cycles/128 ms (SL version)
• Fast page mode with EDO, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• CAS before RAS self-refresh capability (SL version)
• Package options:
  40-pin 400 mil plastic SOJ (SOJ40-P-400-1.27) (Product : MSM514265C/CSL-xxJS)
  44/40-pin 400 mil plastic TSOP(TSOPII44/40-P-400-0.80-K)(Product : MSM514265C/CSL-xxTS-K)
xx indicates speed rank.




Similar Part No. - MSM514265C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514265B OKI-MSM514265B Datasheet
1Mb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : HYPER PAGE MODE TYPE
MSM514265BSL OKI-MSM514265BSL Datasheet
1Mb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : HYPER PAGE MODE TYPE
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E OKI-MSM514265E Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E-60JS OKI-MSM514265E-60JS Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSM514265C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258A OKI-MSM54V16258A Datasheet
1Mb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265ESL OKI-MSM514265ESL Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com