Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2890 Datasheet (PDF) - Analog Devices

ADN2890 Datasheet PDF - Analog Devices
Part # ADN2890
Download  ADN2890 Download
File Size   263.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V 2.7 Gb/s Limiting Amplifier

ADN2890 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2890 Datasheet PDF - Analog Devices

Part # ADN2890
Download  ADN2890 Click to download

File Size   263.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V 2.7 Gb/s Limiting Amplifier

ADN2890 Datasheet (HTML) - Analog Devices


ADN2890 Product details

GENERAL DESCRIPTION
The ADN2890 is a high gain, limiting amplifier optimized for use in SONET, Gigabit Ethernet (GbE), and Fibre Channel optical receivers that accept input levels of up to 2.0 V p-p differential and have 3 mV p-p differential input sensitivity. The ADN2890 provides the receiver functions of quantization and loss of signal (LOS) detection. The ADN2890 can easily operate at up to 3.2 Gb/s to support LX4 transceivers.

FEATURES
   SFP reference design available
   Input sensitivity: 3 mV p-p
   80 ps rise/fall times
   CML outputs: 700 mV p-p differential
   Programmable LOS detector: 2 mV to 13 mV
   Rx signal strength indicator (RSSI):
      SFF-8472 compliant average power measurement
   Single-supply operation: 3.3 V
   Low power dissipation: 130 mW
   Available in space-saving 3 mm × 3 mm 16-lead LFCSP

APPLICATIONS
   SFP/SFF/GBIC optical transceivers
   OC-3/12/48, GbE, Fibre Channel receivers
   10GBASE-LX4 transceivers
   WDM transponders




Similar Part No. - ADN2890

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890 AD-ADN2890 Datasheet
350Kb / 12P
Limiting Amplifier
4/2017-Rev. A to Rev. B
ADN2890-EVALZ AD-ADN2890-EVALZ Datasheet
350Kb / 12P
Limiting Amplifier
4/2017-Rev. A to Rev. B
ADN2890ACP AD-ADN2890ACP Datasheet
273Kb / 12P
3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890ACP-RL AD-ADN2890ACP-RL Datasheet
273Kb / 12P
3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890ACPZ-RL AD-ADN2890ACPZ-RL Datasheet
350Kb / 12P
Limiting Amplifier
4/2017-Rev. A to Rev. B
More results


Similar Description - ADN2890

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
7/05-Rev. 0 to Rev. A
ADN2892 AD-ADN2892 Datasheet
237Kb / 12P
3.3 V 4.25 Gb/s Limiting Amplifier
ADN2890ACPZ-RL7 AD-ADN2890ACPZ-RL7 Datasheet
273Kb / 12P
3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2890 AD-ADN2890_15 Datasheet
269Kb / 12P
3.3 V 2.7 Gb/s Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
3/2017-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com