Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2891 Datasheet (PDF) - Analog Devices

ADN2891 Datasheet PDF - Analog Devices
Part # ADN2891
Download  ADN2891 Download
File Size   602.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 3.2 Gbps, Limiting Amplifier

ADN2891 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2891 Datasheet PDF - Analog Devices

Part # ADN2891
Download  ADN2891 Click to download

File Size   602.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 3.2 Gbps, Limiting Amplifier

ADN2891 Datasheet (HTML) - Analog Devices


ADN2891 Product details

GENERAL DESCRIPTION
The ADN2891 is a 3.2 Gbps limiting amplifier with integrated loss-of-signal (LOS) detection circuitry and a received signal strength indicator (RSSI). This part is optimized for SONET, Gigabit Ethernet (GbE), and Fibre Channel optoelectronic conversion applications. The ADN2891 has a differential input sensitivity of 4 mV p-p and accepts up to a 2.0 V p-p differential input overload voltage. The ADN2891 supports current mode logic (CML) outputs with controlled rise and fall times.

FEATURES
    Input sensitivity: 4 mV p-p
    80 ps rise/fall times
    CML outputs: 700 mV p-p differential
    Programmable LOS detector: 3.5 mV to 35 mV
    Rx signal strength indicator (RSSI)
    SFF-8472-compliant average power measurement
    Single-supply operation: 3.3 V
    Low power dissipation: 145 mW
    Available in space-saving 3 mm × 3 mm, 16-lead LFCSP
    Extended temperature range: −40°C to +95°C
    SFP reference design available

APPLICATIONS
    SFP/SFF/GBIC optical transceivers
    OC-3/OC-12/OC-48, GbE, Fibre Channel (FC) receivers
    10GBASE-LX4 transceivers
    WDM transponders




Similar Part No. - ADN2891

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
596Kb / 16P
Limiting Amplifier
3/2017-Rev. A to Rev. B
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891ACPZ-500RL7 AD-ADN2891ACPZ-500RL7 Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891ACPZ-500RL7 AD-ADN2891ACPZ-500RL7 Datasheet
596Kb / 16P
Limiting Amplifier
3/2017-Rev. A to Rev. B
ADN2891ACPZ-RL AD-ADN2891ACPZ-RL Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
More results


Similar Description - ADN2891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
Analog Devices
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
7/05-Revision 0
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
logo
Analog Devices
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
3/2017-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com