Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2880 Datasheet (PDF) - Analog Devices

ADN2880 Datasheet PDF - Analog Devices
Part # ADN2880
Download  ADN2880 Download
File Size   355.81 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier

ADN2880 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2880 Datasheet PDF - Analog Devices

Part # ADN2880
Download  ADN2880 Click to download

File Size   355.81 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier

ADN2880 Datasheet (HTML) - Analog Devices


ADN2880 Product details

GENERAL DESCRIPTION
The ADN2880 is a 3.3 V, high gain SiGe transimpedance amplifier (TIA). The TIA converts the small signal current of a photo detector into differential voltage output. The ADN2880 features a 315 nA typical input-referred noise, enabling an optical sensitivity of −24.2 dBm (0.85 A/W PIN). With a bandwidth of 2.5 GHz, the ADN2880 allows a data rate operation up to 3.2 Gbps. Typical power dissipation is approximately 70 mW.

FEATURES
   Bandwidth: 2.5 GHz
   Optical sensitivity: −24.2 dBm1
   Differential transimpedance: 4400 V/A
   Power dissipation: 70 mW
   Differential output swing: 260 mV p-p
   Input overload current: 4.3 mA p-p
   On-chip RSSI function
   Low frequency cutoff: 20 kHz
   On-chip PD filter: RF = 200 Ω, CF = 20 pF
   Die size: 0.7 mm × 1.2 mm

APPLICATIONS
   3.2 Gbps or below optical receivers
   SONET/GbE/FC optical receivers
   SFF-8472-compliant receivers
   PIN/APD-TIA receive optical subassemblies (ROSA)




Similar Part No. - ADN2880

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
More results


Similar Description - ADN2880

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
7/05-Rev. 0 to Rev. A
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
04-Nov-2004
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com