Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2882 Datasheet (PDF) - Analog Devices

ADN2882 Datasheet PDF - Analog Devices
Part # ADN2882
Download  ADN2882 Download
File Size   184.37 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps 3.3V Low Noise Transimpedance Amplifier

ADN2882 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2882 Datasheet PDF - Analog Devices

Part # ADN2882
Download  ADN2882 Click to download

File Size   184.37 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps 3.3V Low Noise Transimpedance Amplifier

ADN2882 Datasheet (HTML) - Analog Devices


ADN2882 Product details

GENERAL DESCRIPTION
The ADN2882 is a 3.3 V high gain SiGe transimpedance amplifier (TIA) which converts the small signal current of a photo detector to a large differential voltage output. The ADN2882 features a typical 475 nA input-referred noise, enabling an optical sensitivity of −22 dBm (0.85 A/W PIN). With a bandwidth of 3.5 GHz, the ADN2882 allows a data rate operation up to 4.25 Gbps. Typical power dissipation is 80 mW.

FEATURES
   Bandwidth: 3.5 GHz
   Input noise current density: 8 pA/√Hz
   Optical sensitivity
      −22.0 dBm1
      −20.4 dBm2
   Differential transimpedance: 3700 V/A
   Power dissipation: 80 mW
   Differential output swing: 260 mV p-p
   Input overload current: 5.6 mA p-p
   On-chip RSSI function
   Low frequency cutoff: 12 kHz
   On-chip PD filter: RF = 200 Ω, CF = 20 pF
   Die size: 0.7 mm × 1.2 mm

APPLICATIONS
   4.25 Gbps optical receivers
   GbE/FC optical receivers
   SFF-8472-compliant receivers
   PIN/APD-TIA receiver optical subassemblies




Similar Part No. - ADN2882

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
More results


Similar Description - ADN2882

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Analog Devices
ADN2821 AD-ADN2821 Datasheet
149Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
7/05-Revision 0
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
4.25-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
logo
Texas Instruments
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
4.25-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com