Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2821 Datasheet (PDF) - Analog Devices

ADN2821 Datasheet PDF - Analog Devices
Part # ADN2821
Download  ADN2821 Download
File Size   149.99 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.1 Gbps 3.3V Transimpedance Amplifier

ADN2821 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2821 Datasheet PDF - Analog Devices

Part # ADN2821
Download  ADN2821 Click to download

File Size   149.99 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.1 Gbps 3.3V Transimpedance Amplifier

ADN2821 Datasheet (HTML) - Analog Devices


ADN2821 Product details

PRODUCT DESCRIPTION
The ADN2821_2/5/10 are a series of compact, high performance SiGe 3.3V power supply Trans-impedance Amplifiers (TIAs) optimized for small form factor 10Gbps Metro-Access and Ethernet PD-TIA modules. The ADN2821 series features low input referred noise current and a range of trans-impedance gains, suitable for driving a typical CDR or transceiver directly. 8GHz minimum BW enables up to 11.1Gbps operation; 1.1µA input referred noise current enables −19dBm sensitivity; 3.25dBm input overload current at a 10dB extinction ratio. RSSI output signal proportional to average input current is available for monitoring and alarm generation.

FEATURES
   Bandwidth: 8 GHz min
   Input Noise Current Density: 12pA√Hz
   Optical sensitivity: −19 dBm1
   Differential Transimpedance /Linear Range:
      ADN2821_2: 2.0 kΩ/0.20 mA p-p
      ADN2821_5: 5.0 kΩ/0.08 mA p -p
      ADN2821_10: 10.0 kΩ/0.04 mA p-p
   Power Dissipation: 150 mW
   Differential Output Swing: 400 mV p-p min
   Input Overload: 3.25 dBm @ 10 dB ER
   Low-F cutoff:
      ADN2821_10: 25 kHz w/CLF = 0.5 nF
   On-Chip PD filter: RF = 200 Ω, CF = 20 pF
   RSSI voltage and current ratio: 0.8V/mA
   Die Size: 0.65 mm × 1.20 mm

APPLICATIONS
   10.7 Gbps Optical Modules
   SONET/SDH OC-192/STM-64 and 10 GbE
   Receivers, Transceivers, Transponders




Similar Part No. - ADN2821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
More results


Similar Description - ADN2821

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
04-Nov-2004
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
12.5 Gbps Transimpedance Amplifier IC
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
10 Gbps Linear Transimpedance Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com