Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2821 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2821
Description  11.1 Gbps 3.3V Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2821 Datasheet(HTML) 1 Page - Analog Devices

  ADN2821 Datasheet HTML 1Page - Analog Devices ADN2821 Datasheet HTML 2Page - Analog Devices ADN2821 Datasheet HTML 3Page - Analog Devices ADN2821 Datasheet HTML 4Page - Analog Devices ADN2821 Datasheet HTML 5Page - Analog Devices ADN2821 Datasheet HTML 6Page - Analog Devices ADN2821 Datasheet HTML 7Page - Analog Devices ADN2821 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11.1 Gbps 3.3V
Transimpedance Amplifier
Preliminary Technical Data
ADN2821
Rev. PrL
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Bandwidth: 8 GHz min
Input Noise Current Density: 12pA√Hz
Optical sensitivity: −19 dBm1
Differential Transimpedance /Linear Range:
ADN2821_2: 2.0 kΩ/0.20 mA p-p
ADN2821_5: 5.0 kΩ/0.08 mA p -p
ADN2821_10: 10.0 kΩ/0.04 mA p-p
Power Dissipation: 150 mW
Differential Output Swing: 400 mV p-p min
Input Overload: 3.25 dBm @ 10 dB ER
Low-F cutoff:
ADN2821_10: 25 kHz w/CLF = 0.5 nF
On-Chip PD filter: RF = 200 Ω, CF = 20 pF
RSSI voltage and current ratio: 0.8V/mA
Die Size: 0.65 mm × 1.20 mm
APPLICATIONS
10.7 Gbps Optical Modules
SONET/SDH OC-192/STM-64 and 10 GbE
Receivers, Transceivers, Transponders
PRODUCT DESCRIPTION
The ADN2821_2/5/10 are a series of compact, high
performance SiGe 3.3V power supply Trans-impedance
Amplifiers (TIAs) optimized for small form factor 10Gbps
Metro-Access and Ethernet PD-TIA modules. The ADN2821
series features low input referred noise current and a range of
trans-impedance gains, suitable for driving a typical CDR or
transceiver directly. 8GHz minimum BW enables up to
11.1Gbps operation; 1.1µA input referred noise current enables
−19dBm sensitivity; 3.25dBm input overload current at a 10dB
extinction ratio. RSSI output signal proportional to average
input current is available for monitoring and alarm generation.
For assembly in small form factor packages, the ADN2821
series integrates a photodiode filter RFCF network on chip and
features 25kHz low frequency cutoff with small 0.5nF external
capacitor The ADN2821 operates with a 3.3V ±0.3V power
supply and is available in die form.
1 10-12 BER, 10 dB extinction ratio, 0.85 A/W PD responsivity.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. ADN2821 Block Diagram.
500
Ω
50
Ω
50
Ω
0.85V
10mA
200
Ω
20pF
OU T
OU T B
GN D
GN D
CL F
FI LT ER
IN
VCC
VCC_FI LT ER
3.3V
RSSI


Similar Part No. - ADN2821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
More results

Similar Description - ADN2821

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
04-Nov-2004
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
12.5 Gbps Transimpedance Amplifier IC
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
10 Gbps Linear Transimpedance Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com