Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2821 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2821
Description  11.1 Gbps 3.3V Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2821 Datasheet(HTML) 5 Page - Analog Devices

  ADN2821 Datasheet HTML 1Page - Analog Devices ADN2821 Datasheet HTML 2Page - Analog Devices ADN2821 Datasheet HTML 3Page - Analog Devices ADN2821 Datasheet HTML 4Page - Analog Devices ADN2821 Datasheet HTML 5Page - Analog Devices ADN2821 Datasheet HTML 6Page - Analog Devices ADN2821 Datasheet HTML 7Page - Analog Devices ADN2821 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Technical Data
ADN2821
Rev. PrL | Page 5 of 8
PAD DESCRIPTIONS
Table 3.
Pad No.
Pad
Function
1
GND
Ground (input return)
2
IN
Current input. Bond directly to PD anode.
3
TEST
Test probe Pad. Leave Floating.
4
FILTER
Filter Output.
5
FILTER
Filter Output.
6
GND
Ground
7
RSSI
Voltage Output (provides average input current reading)
8
CAP
Low Frequency set point. Connect with .5nF capacitance to GND for <30kHz
9
GND
Ground
10
GND
Ground (output return)
11
OUTB
Negative Output. Drives 50 ohm termination (AC or DC termination)
12
OUT
Positive Output. Drives 50 ohm termination (AC or DC termination)
13
GND
Ground (output return)
14
GND
Ground
15
VCCFILTER
Filter Supply. Connect to Vcc to enable on-chip 200 ohm*20pf Filter.
16
VCC
3.3 V positive Supply. Recommended bypass to GND is 100 pF RF capacitor.
17
VCC
3.3 V positive Supply. Recommended bypass to GND is 100 pF RF capacitor.
B
FI LT ER
RSSI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com