Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2821 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2821
Description  11.1 Gbps 3.3V Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2821 Datasheet(HTML) 7 Page - Analog Devices

  ADN2821 Datasheet HTML 1Page - Analog Devices ADN2821 Datasheet HTML 2Page - Analog Devices ADN2821 Datasheet HTML 3Page - Analog Devices ADN2821 Datasheet HTML 4Page - Analog Devices ADN2821 Datasheet HTML 5Page - Analog Devices ADN2821 Datasheet HTML 6Page - Analog Devices ADN2821 Datasheet HTML 7Page - Analog Devices ADN2821 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Technical Data
ADN2821
Rev. PrL | Page 7 of 8
ASSEMBLY RECOMMENDATIONS
560pF
200pF
1000pF
VPD
VCC
OUTB
OUT
Figure 3. 5-Pin TO-46 w/External Photodiode Supply VPD
• 1× VENDOR SPECIFIC (0.3mm × 0.3mm) 10.0Gbps Photo Diode
• 1× ADN2821 (0.7mm × 1.2mm) Analog Devices SiGe 10.0Gbps Trans-Impedance Amplifier
• 200pF RF Single Layer Capacitor
• 560pF RF Single Layer Capacitor
• 1000pF Ceramic Cap
Notes:
1.
Minimize all GND bond wire lengths.
2.
Minimize IN, FILTER, OUT and OUTB bond wire lengths.
3.
Maintain symmetry in length and orientation between IN and FILTER bond wires.
4.
Maintain symmetry in length and orientation between OUT and OUTB bond wires.
5.
Maintain symmetry between IN/FILTER and OUT/OUTB bond wires.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com