Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2821 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2821
Description  11.1 Gbps 3.3V Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2821 Datasheet(HTML) 6 Page - Analog Devices

  ADN2821 Datasheet HTML 1Page - Analog Devices ADN2821 Datasheet HTML 2Page - Analog Devices ADN2821 Datasheet HTML 3Page - Analog Devices ADN2821 Datasheet HTML 4Page - Analog Devices ADN2821 Datasheet HTML 5Page - Analog Devices ADN2821 Datasheet HTML 6Page - Analog Devices ADN2821 Datasheet HTML 7Page - Analog Devices ADN2821 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADN2821
Preliminary Technical Data
Rev. PrL| Page 6 of 8
PAD LAYOUT
Figure 2.. Pad Layout
PAD COORDINATES
Table 4.
PAD #
PAD
X (um)
Y (um)
1
GND
−500
260
2
IN
−500
130
3
TEST
−500
10
4
FILTER
−500
−120
5
FILTER
−500
−260
6
GND
−350
−260
7
RSSI
−200
−260
8
CAP
−50
−260
9
GND
130
−260
10
GND
500
−260
11
OUTB
350
−60
12
OUT
350
60
13
GND
500
260
14
GND
130
260
15
VCCFILTER
−50
260
16
VCC
−200
260
17
VCC
−350
260
DIE INFORMATION
Die Size
0.7mm × 1.2mm
(edge-edge including 1mil scribe)
Die Thickness
10mils = 0.25mm
Passivation Openings
0.075 mm × 0.075 mm
(pads 1-8, 9, 10, 13, 15, 16, 17)
0.144mm × 0.075mm
(pads 9, 11, 12, 14)
Passivation Composition
5000Å Si3N4 (top)
+5000 Å SiO2 (bot)
Pad Composition
Al/1%Cu
Backside Contact
B
FI LT ER
RSSI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com