Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2821 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN2821
Description  11.1 Gbps 3.3V Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2821 Datasheet(HTML) 2 Page - Analog Devices

  ADN2821 Datasheet HTML 1Page - Analog Devices ADN2821 Datasheet HTML 2Page - Analog Devices ADN2821 Datasheet HTML 3Page - Analog Devices ADN2821 Datasheet HTML 4Page - Analog Devices ADN2821 Datasheet HTML 5Page - Analog Devices ADN2821 Datasheet HTML 6Page - Analog Devices ADN2821 Datasheet HTML 7Page - Analog Devices ADN2821 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADN2821
Preliminary Technical Data
Rev. PrL| Page 2 of 8
TABLE OF CONTENTS
Electrical Specifications ................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pad Descriptions............................................................................... 5
Pad Layout ......................................................................................... 6
Pad Coordinates ............................................................................6
Die Information.............................................................................6
Assembly Recommendations...........................................................7
Ordering Guide..................................................................................8
REVISION HISTORY
Revision PrL: Preliminary Version
11/04
Revision Pr-A: Add RSSI function Spec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com