Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2821 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2821
Description  11.1 Gbps 3.3V Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2821 Datasheet(HTML) 4 Page - Analog Devices

  ADN2821 Datasheet HTML 1Page - Analog Devices ADN2821 Datasheet HTML 2Page - Analog Devices ADN2821 Datasheet HTML 3Page - Analog Devices ADN2821 Datasheet HTML 4Page - Analog Devices ADN2821 Datasheet HTML 5Page - Analog Devices ADN2821 Datasheet HTML 6Page - Analog Devices ADN2821 Datasheet HTML 7Page - Analog Devices ADN2821 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADN2821
Preliminary Technical Data
Rev. PrL| Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (Vcc to Gnd)
5V
Internal Power Dissipation
Output Short Circuit Duration
Indefinite
Maximum Input Current
10 mA
Storage Temperature Range
−65°C to +125°C
Operating Ambient Temperature Range
−40°C to +95°C
Maximum Junction Temperature
+165°C
Die Attach Temperature (<60 seconds)
+450°C
Stresses above those listed under ‘Absolute Maximum Rating’
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com