Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM7NC65CF Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM7NC65CF Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM7NC65CF
Download  TSM7NC65CF Download
File Size   412.81 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description N-Channel Power MOSFET 650V, 7A, 1.35廓

TSM7NC65CF Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM7NC65CF Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM7NC65CF
Download  TSM7NC65CF Click to download

File Size   412.81 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description N-Channel Power MOSFET 650V, 7A, 1.35廓

TSM7NC65CF Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - TSM7NC65CF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7NC60CF TSC-TSM7NC60CF Datasheet
413Kb / 6P
Advanced planar process
More results


Similar Description - TSM7NC65CF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65A UTC-7N65A Datasheet
283Kb / 7P
7A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD7N65 AOSMD-AOD7N65 Datasheet
393Kb / 6P
650V,7A N-Channel MOSFET
AOT7N65 AOSMD-AOT7N65 Datasheet
413Kb / 6P
650V, 7A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
logo
E-CMOS Corporation
EC747N65 E-CMOS-EC747N65 Datasheet
579Kb / 6P
650V,7A N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
7N65H KIA-7N65H Datasheet
402Kb / 6P
7A,650V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
I7NE65 WXDH-I7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM07N65 AITSEMI-AM07N65 Datasheet
746Kb / 10P
MOSFET 650V, 7A N-CHANNEL
REV1.0 - JUN 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com