Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65A Datasheet (PDF) - Unisonic Technologies

7N65A Datasheet PDF - Unisonic Technologies
Part # 7N65A
Download  7N65A Download
File Size   283.57 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 650V N-CHANNEL POWER MOSFET

7N65A Datasheet (PDF)

Go To PDF Page Download Datasheet
7N65A Datasheet PDF - Unisonic Technologies

Part # 7N65A
Download  7N65A Click to download

File Size   283.57 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 650V N-CHANNEL POWER MOSFET

7N65A Datasheet (HTML) - Unisonic Technologies


7N65A Product details

DESCRIPTION
The UTC 7N65A is a high voltage N-Channel enhancement mode power field effect transistors designed to have minimize on-state resistance, superior switching performance and withstand high energy pulse in the avalanche and commutation mode. This power MOSFET is well suited for high efficiency switch mode power supply.

FEATURES
* RDS(ON) ≤ 1.4Ω @ VGS=10V, ID=3.5A
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness




Similar Part No. - 7N65A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
7N65A YFWDIODE-7N65A Datasheet
1Mb / 7P
7A 650V N-channel enhancement mode field effect transistor
logo
VBsemi Electronics Co.,...
7N65AG-TA3-T VBSEMI-7N65AG-TA3-T Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
7N65AL-TA3-T VBSEMI-7N65AL-TA3-T Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
7N65AL-TA3-T DOINGTER-7N65AL-TA3-T Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - 7N65A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD7N65 AOSMD-AOD7N65 Datasheet
393Kb / 6P
650V,7A N-Channel MOSFET
AOT7N65 AOSMD-AOT7N65 Datasheet
413Kb / 6P
650V, 7A N-Channel MOSFET
logo
E-CMOS Corporation
EC747N65 E-CMOS-EC747N65 Datasheet
579Kb / 6P
650V,7A N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
KIA Semiconductor Techn...
7N65H KIA-7N65H Datasheet
402Kb / 6P
7A,650V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
D7NE65 WXDH-D7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
I7NE65 WXDH-I7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM07N65 AITSEMI-AM07N65 Datasheet
746Kb / 10P
MOSFET 650V, 7A N-CHANNEL
REV1.0 - JUN 2022
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com