Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514800C Datasheet (PDF) - OKI electronic componets

MSM514800C Datasheet PDF - OKI electronic componets
Part # MSM514800C
Download  MSM514800C Download
File Size   258.31 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514800C Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514800C Datasheet PDF - OKI electronic componets

Part # MSM514800C
Download  MSM514800C Click to download

File Size   258.31 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514800C Datasheet (HTML) - OKI electronic componets


MSM514800C Product details

DESCRIPTION
The MSM514800C/CSL is a 524,288-word x 8-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM514800C/CSL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/single-layer metal CMOS process. The MSM514800C/CSL is available in a 28-pin plastic SOJ or 28-pin plastic TSOP. The MSM514800CSL (the self-refresh version) is specially designed for lower power applications.

FEATURES
• 524,288-word · 8-bit configuration
• Single 5 V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 1024 cycles/16 ms, 1024 cycles/128 ms (SL version)
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• CAS before RAS self-refresh capability (SL version)
• Package options:
    28-pin 400 mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM514800C/CSL-xxJS)
    28-pin 400 mil plastic TSOP (TSOPII28-P-400-1.27-K) (Product : MSM514800C/CSL-xxTS-K)
                                                                                               xx indicates speed rank.




Similar Part No. - MSM514800C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514800A OKI-MSM514800A Datasheet
600Kb / 8P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A-10 OKI-MSM514800A-10 Datasheet
600Kb / 8P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A-70 OKI-MSM514800A-70 Datasheet
600Kb / 8P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A-80 OKI-MSM514800A-80 Datasheet
600Kb / 8P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800ASL OKI-MSM514800ASL Datasheet
600Kb / 8P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM514800C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800A OKI-MSM5117800A Datasheet
592Kb / 8P
2,197,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800D OKI-MSM5117800D Datasheet
163Kb / 14P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800A OKI-MSM514800A Datasheet
600Kb / 8P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514900C OKI-MSM514900C Datasheet
257Kb / 16P
524,288-Word x 9-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800E OKI-MSM514800E Datasheet
174Kb / 14P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514800D OKI-MSM514800D Datasheet
180Kb / 14P
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com