Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT543CTSOG8 Datasheet (PDF) - Integrated Device Technology

74FCT543CTSOG8 Datasheet PDF - Integrated Device Technology
Part # 74FCT543CTSOG8
Download  74FCT543CTSOG8 Download
File Size   89.12 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL LATCHED TRANSCEIVER

74FCT543CTSOG8 Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT543CTSOG8 Datasheet PDF - Integrated Device Technology

Part # 74FCT543CTSOG8
Download  74FCT543CTSOG8 Click to download

File Size   89.12 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL LATCHED TRANSCEIVER

74FCT543CTSOG8 Datasheet (HTML) - Integrated Device Technology


74FCT543CTSOG8 Product details

DESCRIPTION:
The FCT543T/FCT2543T is a non-inverting octal transceiver built using an advanced dual metal CMOS technology.
This device contains two sets of eight D-type latches with separate input and output controls for each set. For data flow from A to B, for example, the A-to-B Enable (CEAB) input must be LOW in order to enter data from A0–A7 or to take data from B0–B7, as indicated in the Function Table. With CEAB LOW, a LOW signal on the A-to-B Latch Enable (LEAB) input makes the A-to-B latches transparent; a subsequent LOW-to-HIGH transition of the LEAB signal puts the A latches in the storage mode and their outputs no longer change with the A inputs. With CEAB and OEAB both LOW, the 3-state B output buffers are active and reflect the data present at the output of the A latches. Control of data from B to A is similar, but uses the CEBA, LEBA and OEBA inputs.
The FCT2543T has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot and controlled output fall times-reducing the need for external series terminating resistors. FCT2xxxT parts are plug-in replacements for FCTxxxT parts.

FEATURES:
• Common features:
   – Low input and output leakage ≤1µA (max.)
   – CMOS power levels
   – True TTL input and output compatibility
   – VOH = 3.3V (typ.)
   – VOL = 0.3V (typ.)
   – Meets or exceeds JEDEC standard 18 specifications
   – Product available in Radiation Tolerant and Radiation
      Enhanced versions
   – Military product compliant to MIL-STD-883, Class B
      and DESC listed (dual marked)
   – Available in DIP, SOIC, SSOP, QSOP, CERPACK
      and LCC packages
• Features for FCT543T:
   – Std., A, C and D speed grades
   – High drive outputs (-15mA IOH, 64mA IOL)
   – Power off disable outputs permit “live insertion”
• Features for FCT2543T:
   – Std., A, and C speed grades
   – Resistor outputs (-15mA IOH, 12mA IOL Com.)
      (-12mA IOH, 12mA IOL Mil.)
   – Reduced system switching noise




Similar Part No. - 74FCT543CTSOG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT543CTSOG8 RENESAS-74FCT543CTSOG8 Datasheet
167Kb / 8P
FAST CMOS OCTAL LATCHED TRANSCEIVER
Feb.11.20
More results


Similar Description - 74FCT543CTSOG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Integrated Device Techn...
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT543AT IDT-IDT74FCT543AT_06 Datasheet
75Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Renesas Technology Corp
74FCT543AT RENESAS-74FCT543AT Datasheet
167Kb / 8P
FAST CMOS OCTAL LATCHED TRANSCEIVER
Feb.11.20
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com