Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KW Datasheet (PDF) - SEC Electronics Inc.

2N7002KW Datasheet PDF - SEC Electronics Inc.
Part # 2N7002KW
Download  2N7002KW Download
File Size   533.04 Kbytes
Page   4 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description N-Ch Small Signal MOSFET with ESD Protection

2N7002KW Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002KW Datasheet PDF - SEC Electronics Inc.

Part # 2N7002KW
Download  2N7002KW Click to download

File Size   533.04 Kbytes
Page   4 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description N-Ch Small Signal MOSFET with ESD Protection

2N7002KW Datasheet (HTML) - SEC Electronics Inc.


2N7002KW Product details

FEATURES
• RDS(ON), VGS@10V, IDS@500mA=3Ω
• RDS(ON), VGS@4.5V, IDS@200mA=4Ω
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Very Low Leakage Current In Off Condition
• Specially Designed for Battery Operated Systems,
   Solid-State Relays Drivers: Relays, Displays, Lamps,
   Solenoids, Memories, etc.
• ESD Protected 2KV HBM
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - 2N7002KW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
SeCoS Halbleitertechnol...
2N7002KW SECOS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
logo
Fairchild Semiconductor
2N7002KW FAIRCHILD-2N7002KW Datasheet
291Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
Unisonic Technologies
2N7002KW UTC-2N7002KW Datasheet
203Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
2N7002KW FORMOSA-2N7002KW Datasheet
113Kb / 8P
N-Channel SMD MOSFET ESD Protection
More results


Similar Description - 2N7002KW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2N7002KG SECOS-2N7002KG Datasheet
680Kb / 5P
N-Ch Small Signal MOSFET with Gate Protection
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
logo
SeCoS Halbleitertechnol...
2N7002K SECOS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECOS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
N-Ch Small Signal MOSFET
S2N7002W SECOS-S2N7002W Datasheet
93Kb / 3P
N-Ch Small Signal MOSFET
2N7002KW SECOS-2N7002KW_15 Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002_15 Datasheet
147Kb / 2P
N-Ch Small Signal MOSFET
logo
SEC Electronics Inc.
2N7002K SECELECTRONICS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com