Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KG Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2N7002KG Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2N7002KG
Download  2N7002KG Download
File Size   680.74 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description N-Ch Small Signal MOSFET with Gate Protection

2N7002KG Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002KG Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2N7002KG
Download  2N7002KG Click to download

File Size   680.74 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description N-Ch Small Signal MOSFET with Gate Protection

2N7002KG Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2N7002KG Product details

FEATURES

z 2 kV ESD Protection

z Lower On-resistance: 2 Ω

z Low Threshold: 2 V (Typ.)

z Low Input Capacitance: 25 pF

z Fast Switching Performance: 25 nS

z Low Input and Output Leakage


 



APPLICATIONS

z Direct Logic-Level Interface: TTL/CMOS

z Drivers: Relays, Solenoids, Lamps, Hammers, Display, Memories,Transistors, etc.

z Battery Operated Systems

z Solid-State Relays




Similar Part No. - 2N7002KG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002KG-AE2-R UTC-2N7002KG-AE2-R Datasheet
164Kb / 3P
300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002KG-AE2-R UTC-2N7002KG-AE2-R Datasheet
191Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
2N7002KG-AE2-R UTC-2N7002KG-AE2-R Datasheet
191Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Silikron Semiconductor ...
2N7002KG8 SILIKRON-2N7002KG8 Datasheet
465Kb / 6P
Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
2N7002KG8 GOOD-ARK-2N7002KG8 Datasheet
573Kb / 5P
60V MOSFET
More results


Similar Description - 2N7002KG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N7002K SECOS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECOS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
N-Ch Small Signal MOSFET
S2N7002W SECOS-S2N7002W Datasheet
93Kb / 3P
N-Ch Small Signal MOSFET
logo
Leshan Radio Company
LNTA4001NT1G LRC-LNTA4001NT1G Datasheet
218Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
SeCoS Halbleitertechnol...
2N7002KW SECOS-2N7002KW_15 Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002_15 Datasheet
147Kb / 2P
N-Ch Small Signal MOSFET
logo
SEC Electronics Inc.
2N7002K SECELECTRONICS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECELECTRONICS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com