Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD102JY Datasheet (PDF) - Analog Devices

AD102JY Datasheet PDF - Analog Devices
Part # AD102JY
Download  AD102JY Download
File Size   106.87 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General Purpose Input Isolation Amplifier

AD102JY Datasheet (PDF)

Go To PDF Page Download Datasheet
AD102JY Datasheet PDF - Analog Devices

Part # AD102JY
Download  AD102JY Click to download

File Size   106.87 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General Purpose Input Isolation Amplifier

AD102JY Datasheet (HTML) - Analog Devices


AD102JY Product details

GENERAL DESCRIPTION
The AD102 and AD104 are general purpose, two-port, isolation amplifiers suitable for use where input signal isolation is desired. Each offers a functionally complete, compact isolation solution rated at 500 V rms common mode, based upon the proven and reliable transformer-coupled, galvanic isolation technique used in all AD200 series isolation amplifier products.

FEATURES
    Integral Isolated Power Supply
    500 V rms CMV Isolation Rating (100% Tested)
    High Accuracy: 60.05% Max Nonlinearity
    Small SIP Style Footprint
    Lowest Priced Isolation Amplifiers

APPLICATIONS
    Single/Multichannel Data Acquisition Systems
    Process Control Input Signal Isolation
    Motor Control
    Utility Power Monitoring
    General Input Protection Circuits
    Ground Loop Interruption




Similar Part No. - AD102JY

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AD102 MICROSEMI-AD102 Datasheet
127Kb / 3P
SCRs 1.5 Amp, Planar
logo
New Jersey Semi-Conduct...
AD102 NJSEMI-AD102 Datasheet
156Kb / 2P
1.6 Amp, Planar
logo
MicroPower Direct, LLC
AD1020-05F MPD-AD1020-05F Datasheet
292Kb / 2P
Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
logo
Analog Devices
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10200 AD-AD10200 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
More results


Similar Description - AD102JY

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
logo
Analog Devices
AD102 AD-AD102_15 Datasheet
100Kb / 6P
General Purpose Input Isolation Amplifier
REV. A
AD104 AD-AD104_15 Datasheet
100Kb / 6P
General Purpose Input Isolation Amplifier
REV. A
logo
Texas Instruments
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
General-Purpose I2S Input Class-D Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com