Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10200 Datasheet (PDF) - Analog Devices

AD10200 Datasheet PDF - Analog Devices
Part # AD10200
Download  AD10200 Download
File Size   1702.47 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning

AD10200 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD10200 Datasheet PDF - Analog Devices

Part # AD10200
Download  AD10200 Click to download

File Size   1702.47 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning

AD10200 Datasheet (HTML) - Analog Devices


AD10200 Product details

PRODUCT DESCRIPTION
The AD10200 is a full channel ADC solution with on-module signal conditioning for improved dynamic performance and fully matched channel-to-channel performance. The module includes two wide-dynamic range ADCs. Each ADC has a transformer coupled front-end optimized for Direct-IF sampling. The AD10200 has on-chip track-and-hold circuitry, and utilizes an innovative architecture to achieve 12-bit, 105 MSPS performance. The AD10200 uses innovative high-density circuit design to achieve exceptional matching and performance while still maintaining excellent isolation, and providing for significant board area savings.

FEATURES
    Dual, 105 MSPS Minimum Sample Rate
    Channel-Channel Isolation, >80 dB
    AC-Coupled Signal Conditioning Included
    Gain Flatness up to Nyquist: < 0.2 dB
    Input VSWR 1.1:1 to Nyquist
    80 dB Spurious-Free Dynamic Range
    Two’s Complement Output Format
    3.3 V or 5 V CMOS-Compatible Output Levels
    0.850 W per Channel
    Industrial and Military Grade

APPLICATIONS
    Radar IF Receivers
    Phased Array Receivers
    Communications Receivers
    Secure Communications
    GPS Antijamming Receivers
    Multichannel, Multimode Receivers




Similar Part No. - AD10200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10200 AD-AD10200 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
logo
MicroPower Direct, LLC
AD102005F MPD-AD102005F Datasheet
292Kb / 2P
AD1024F Series
logo
Analog Devices
AD10200BZ AD-AD10200BZ Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
AD10200PCB AD-AD10200PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
More results


Similar Description - AD10200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com