Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet (PDF) - Analog Devices

AD9433 Datasheet PDF - Analog Devices
Part # AD9433
Download  AD9433 Download
File Size   1001.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter

AD9433 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9433 Datasheet PDF - Analog Devices

Part # AD9433
Download  AD9433 Click to download

File Size   1001.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter

AD9433 Datasheet (HTML) - Analog Devices


AD9433 Product details

GENERAL INTRODUCTION
The AD9433 is a 12-bit monolithic sampling analog-to-digital converter with an on-chip track-and-hold circuit and is designed for ease of use. The product operates up to 125 MSPS conversion rate and is optimized for outstanding dynamic performance in wideband and high IF carrier systems.

FEATURES
   IF Sampling up to 350 MHz
   SNR = 67.5 dB, fIN up to Nyquist @ 105 MSPS
   SFDR = 83 dBc, fIN 70 MHz @ 105 MSPS
   SFDR = 72 dBc, fIN 150 MHz @ 105 MSPS
   2 V p-p Analog Input Range Option
   On-Chip Clock Duty Cycle Stabilization
   On-Chip Reference and Track/Hold
   SFDR Optimization Circuit
   Excellent Linearity:
      DNL = ±0.25 LSB (Typ)
      INL = ±0.5 LSB (Typ)
   750 MHz Full Power Analog Bandwidth
   Power Dissipation = 1.35 W Typical @ 125 MSPS
   Two’s Complement or Offset Binary Data Format
   5.0 V Analog Supply Operation
   2.5 V to 3.3 V TTL/CMOS Outputs
  
APPLICATIONS
   Cellular Infrastructure Communication Systems
      3G Single and Multicarrier Receivers
      IF Sampling Schemes
   Wideband Carrier Frequency Systems
      Point to Point Radios
      LMDS, Wireless Broadband
      MMDS Base Station Units
      Cable Reverse Path
   Communications Test Equipment
   Radar and Satellite Ground Systems




Similar Part No. - AD9433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433 Datasheet
433Kb / 21P
IF Sampling ADC
Rev. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-105 AD-AD9433BSVZ-105 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results


Similar Description - AD9433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com