Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 2 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
◊
AD9433–SPECIFICATIONS
(VDD = 3.3 V, VCC = 5 V; internal reference; differential encode input, unless otherwise noted.)
Test
AD9433BSQ-105
AD9433BSQ-125
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Offset Error
Full
VI
–5
0
+5
–5
0
+5
mV
Gain Error
1
25 CI
–7
1+3
–7
1+3
% FS
Differential Nonlinearity (DNL)
2
25 C
I
–0.75
0.25
+0.75
–0.75
0.3
+0.75
LSB
Full
VI
–1
+1
–1
+1
LSB
Integral Nonlinearity (INL)
2
25 C
I
–1.0
0.5
+1.0
–1.0
0.5
+1.0
LSB
Full
VI
–1.3
+1.3
–1.3
+1.3
LSB
THERMAL DRIFT
Offset Error
Full
V
–50
–50
ppm/ C
Gain Error1
Full
V
–125
–125
ppm/ C
Reference
Full
V
±80
±80
ppm/ C
REFERENCE
Internal Reference Volatge (VREFOUT)
Full
I
2.4
2.5
2.6
2.4
2.5
2.6
V
Output Current (VREFOUT)
Full
V
100
100
µA
Input Current (VREFIN)
Full
IV
50
50
µA
ANALOG INPUTS
Differential Input Voltage Range
Full
V
2.0
2.0
V
(
AIN, AIN)
Common-Mode Voltage
Full
V
4.0
4.0
V
Input Resistance
Full
VI
2
3
4
2
3
4
k
Ω
Input Capacitance
Full
V
4
4
pF
Analog Bandwidth, Full Power
Full
V
750
750
MHz
POWER SUPPLY
VCC
Full
IV
4.75
5.0
5.25
4.75
5.0
5.25
V
VDD
Full
IV
2.7
3.3
2.7
3.3
V
Power Dissipation
3
Full
VI
1275
1425
1350
1500
mW
Power Supply Rejection Ratio (PSRR)
25 CI
3
3
mV/V
IVCC
2
Full
VI
255
285
270
300
mA
IVDD
2
Full
VI
12.5
14
16
18
mA
ENCODE INPUTS
Internal Common-Mode Bias
Full
V
3.75
3.75
V
Differential Input (ENC –
ENC)
Full
V
500
500
mV
Input Voltage Range
Full
IV
–0.5
VCC + 0.05
–0.5
VCC + 0.05 V
Input Common-Mode Range
Full
IV
2.0
4.25
2.0
4.25
V
Input Resistance
Full
VI
6
6
k
Ω
Input Capacitance
25 CV
3
3
pF
DIGITAL INPUTS
Input High Voltage
Full
I
2.0
2.0
V
Input Low Voltage
Full
I
0.8
0.8
V
Input High Current (VIN = 5 V)
Full
V
50
50
µA
Input Low Current (VIN = 0 V)
Full
V
50
50
µA
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
VDD – 0.05
VDD – 0.05
V
Logic “0” Voltage
Full
VI
0.05
0.05
V
Output Coding
Two’s Complement or Offset Binary
NOTES
1Gain error and gain temperature coefficients are based on the ADC only (with a fixed 2.5 V external reference and a 2 V p-p differential analog input).
2SFDR disabled (SFDR = GND) for DNL and INL specifications.
3Power dissipation measured with rated encode and a dc analog input (Outputs Static, I
VDD = 0). IVCC and IVDD measured with 10.3 MHz analog input @ –0.5 dBFS.
Specifications subject to change without notice.
DC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com