Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9433 Datasheet HTML 16Page - Analog Devices AD9433 Datasheet HTML 17Page - Analog Devices AD9433 Datasheet HTML 18Page - Analog Devices AD9433 Datasheet HTML 19Page - Analog Devices AD9433 Datasheet HTML 20Page - Analog Devices AD9433 Datasheet HTML 21Page - Analog Devices AD9433 Datasheet HTML 22Page - Analog Devices AD9433 Datasheet HTML 23Page - Analog Devices AD9433 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. 0
AD9433
–20–
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
U8
74AC574M
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
R1
R2
R3
R4
R5
R6
R7
R8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
R1
R2
R3
R4
R5
R6
R7
R8
GND
GND
VDL
LATCH
OUT
EN
D0
D1
D2
D3
D4
D5
D6
D7
GND
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CLOCK
R5016I50
RZ1
221
R5016I50
RZ1
220
D0
D1
D2
D3
D4
B4
B0
B1
B2
B3
A0
A1
A2
A3
A4
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
U7
74AC574M
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
R1
R2
R3
R4
R5
R6
R7
R8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
R1
R2
R3
R4
R5
R6
R7
R8
GND
GND
VDL
LATCH
OUT
EN
D0
D1
D2
D3
D4
D5
D6
D7
GND
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CLOCK
R5016I50
RZ1
221
R5016I50
RZ1
220
D5
D6
D7
D8
D9
D10
D11
OR
A5
A6
A7
A8
A9
A10
A11
ADR
B5
B6
B7
B8
B9
B10
B11
B0R
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
P44
C40M5
P2
P4
P6
P8
P10
P12
P14
P16
P18
P20
P22
P24
P26
P28
P30
P32
P34
P36
P38
P40
P1
P3
P5
P7
P9
P11
P13
P15
P17
P19
P21
P23
P25
P27
P29
P31
P33
P35
P37
P39
GND
B0R
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
DR
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
1
2
3
4
P1
P2
P3
P4
GND
GND
VDL (+3V)
–5V
P42 PTMICRO4
1
2
3
4
P1
P2
P3
P4
GND
GND
VCC (+5V)
VO (+3V)
P43 PTMICRO4
OPTIONAL
VDL
VD
E34
E35
C9
10 F
VDL
GND
+
C20
C21
LATCHES – 0.1 F
C48
0.1 F
VCC
GND
C44
10 F
–5V
GND
C47
0.1 F
+
OPTIONAL
C45
VDL
GND
C22
C41
10 F
+
VCC
GND
C30
C28
DUT BYPASS – 0.1 F
C27
C23
C32
C31
C40
10 F
+
VD
GND
C37
C36
C35
DUT BYPASS – 0.1 F
R27
50
GND
DR
P41
5MBM5T
OPTIONAL
H1
MTHOLES
H2
MTHOLES
H3
MTHOLES
H4
MTHOLES
GND
Figure 15. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com