Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. 0
AD9433
–9–
FREQUENCY – MHz
–120
0
22.5
30.0
45.0
52.5
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
37.5
15.0
7.5
IMD3 = 92dBFS
TPC 7. FFT: fS = 105 MSPS, fIN = 49.3 MHz and 50.3 MHz,
Differential AIN @ –7 dBFS for Each Tone, SFDR Enabled
AIN LEVEL – dBFS
0
–90
10
110
fS = 105MSPS
fIN = 49.3MHz
DIFFERENTIAL AIN
SFDR ENABLED
90dBFS
REFERENCE
SFDR dBFS
SFDR dBc
SNR dBFS
–80
–70
–60
–50
–40
–30
–20
–10
0
20
30
40
50
60
70
80
90
100
TPC 8. SNR and SFDR vs. AIN Level, fS = 105 MSPS,
fIN = 49.3 MHz, Differential AIN, SFDR Enabled
AIN LEVEL – dBFS
–90
110
–80
–70
–60
–50
–40
–30
–20
–10
0
50
60
70
80
90
100
TPC 9. Third Order IMD vs. AIN Level, fS = 105 MSPS,
fIN = 49.3 MHz and 50.3 MHz, Differential AIN, SFDR
Enabled
AIN – MHz
55
SNR
10.3
SINAD
49.3
80.3
170.3
250.3
57
59
61
63
65
67
69
8.9
9.3
9.6
9.9
10.3
10.6
10.9
11.3
TPC 10. SNR and SINAD vs. AIN Frequency.
Differential AIN @ –0.50 dBFS, fS = 125 MSPS,
SFDR Enabled
AIN COMMON-MODE VOLTAGE – V
0
3.5
10
20
30
40
50
60
70
2ND HARMONIC
3RD HARMONIC
SNR
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
80
90
100
TPC 11. Dynamic Performance vs. AIN Common-Mode
Voltage. Differential AIN @ –0.5 dBFS, fIN = 49.3 MHz,
fS = 105 MSPS
AIN – MHz
60
10.3
49.3
80.3
170.3
250.3
61
62
63
64
65
66
69
68
67
–40 C
+25 C
+85 C
TPC 12. SNR vs. AIN Frequency/Temperature,
fS = 105 MSPS, Differential AIN, SFDR Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com