Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices AD9433 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD9433
–11–
TYPICAL IF SAMPLING PERFORMANCE
FREQUENCY – MHz
–120
0
7.5
15.0
SNR = 66.8dB
SFDR = 83.0dBFS
22.5
30.0
37.5
45.0
52.5
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 19. FFT: fS = 105 MSPS, fIN = 70.3 MHz, Differential
AIN @ –0.5 dBFS, SFDR Enabled
FREQUENCY – MHz
–120
0
6.2
12.5
SNR = 65.5dB
SFDR = 78.0dBFS
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
18.7
25.0
31.2
37.5
43.7
50.0
56.2
62.5
TPC 20. FFT: fS = 125 MSPS, fIN = 70.3 MHz, Differential
AIN @ –0.5 dBFS, SFDR Enabled
FREQUENCY – MHz
–120
0
7.5
15.0
IMD3 – 85dBc
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
22.5
30.0
37.5
45.0
52.5
TPC 21. FFT: fS = 105 MSPS, fIN = 69.3 and 70.3 MHz,
Differential AIN @ –7 dBFS for Each Tone, SFDR Enabled
FREQUENCY – MHz
–120
0
7.5
15.0
SNR = 67.0dB
SFDR = 80.0dBFS
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
22.5
30.0
37.5
45.0
52.5
TPC 22. FFT: fS = 105 MSPS, fIN = 70.3 MHz, Differential
AIN @ –0.5 dBFS, SFDR Disabled
AIN LEVEL – dBFS
0
–90
10
20
30
40
50
60
70
80dBFS REFERENCE LINE
SNR – dBFS
fS = 105MSPS
fIN = 70.3MHz
DIFFERENTIAL AIN
SFDR ENABLED
SFDR – dBc
SFDR – dBFS
80
90
100
110
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 23. SNR/SFDR vs. AIN Level
dBFS
–90
fS = 105MSPS
fIN = 70.3MHz AND 69.3MHz
DIFFERENTIAL AIN
SFDR ENABLED
–110
–80
–70
–60
–50
–40
–30
–20
–10
0
–100
–90
–80
–70
–60
–50
TPC 24. Third Order IMD vs. AIN Level,
fS = 105 MSPS, fIN = 70.3 MHz and 69.3 MHz,
Differential AIN, SFDR Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com