Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 4 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
AD9433
–4–
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested.
II
100% production tested at 25 C and guaranteed by design
and characterization at specified temperatures.
III Sample Tested Only
IV Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI 100% production tested at 25 C and guaranteed by design
and characterization for industrial temperature range.
THERMAL CHARCTERISTICS
Thermal Resitance
52-Lead PowerQuad® 4 LQFP_ED
JA = 25
°C/W, Soldered Heat Sink, No Airflow
JA = 33
°C/W, Unsoldered Heat Sink, No Airflow
JC = 2
°C/W, Bottom of Package (Heat Sink)
Simulated typical performance for 4-layer JEDEC board, horizontal orientation.
ABSOLUTE MAXIMUM RATINGS
*
Parameter
Min
Max
Unit
ELECTRICAL
VDD Voltage
–0.5
+6.0
V
VCC Voltage
–0.5
+6.0
V
Analog Input Voltage
–0.5
VCC + 0.5
V
Digital Input Voltage
–0.5
VCC + 0.5
V
Digital Output Current
20
mA
ENVIRONMENTAL
Operating Temperature
Range (Ambient)
–40
+85
C
Maximum Junction
Temperature
+150
C
Storage Temperature
Range (Ambient)
–65
+125
C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9433BSQ-105
–40
°C to +85°C (Ambient)
52-Lead Plastic Thermally Enhanced Quad Flatpack
SQ-52
AD9433BSQ-125
–40
°C to +85°C (Ambient)
52-Lead Plastic Thermally Enhanced Quad Flatpack
SQ-52
AD9433/PCB
25
°C
Evaluation Board with AD9433BSQ-125
(Supports – 105 Evaluation)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9433 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PowerQuad is a registered trademark of AMkor Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com